Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 108 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 108 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 104Page - Microchip Technology LAN91C111 Datasheet HTML 105Page - Microchip Technology LAN91C111 Datasheet HTML 106Page - Microchip Technology LAN91C111 Datasheet HTML 107Page - Microchip Technology LAN91C111 Datasheet HTML 108Page - Microchip Technology LAN91C111 Datasheet HTML 109Page - Microchip Technology LAN91C111 Datasheet HTML 110Page - Microchip Technology LAN91C111 Datasheet HTML 111Page - Microchip Technology LAN91C111 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 109
LAN91C111
FIGURE 14-8:
SYNCHRONOUS WRITE CYCLE - NVLBUS=0
Parameter
MIN
TYP
MAX
Units
t8
A1-A15, AEN, nBE[3:0] Setup to nADS Rising
8
ns
t9
A1-A15, AEN, nBE[3:0] Hold After nADS Rising
5
ns
t10
nCYCLE Setup to LCLK Rising
5
ns
t11
nCYCLE Hold after LCLK Rising (Non-Burst Mode)
3
ns
t16
W/nR Setup to nCYCLE Active
0
ns
t17A
W/nR Hold after LCLK Rising with nSRDY Active
3
ns
t18
Data Setup to LCLK Rising (Write)
15
ns
t20
Data Hold from LCLK Rising (Write)
4
ns
t21
nSRDY Delay from LCLK Rising
7
ns
t21
t21
t11
t17A
t8
t9
t16
t20
t18
t10
Valid
Valid
Clock
Address, AEN, nBE[3:0]
nADS
W/nR
nCYCLE
Write Data
nSRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com