Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 125 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 121Page - NXP Semiconductors LPC18S50 Datasheet HTML 122Page - NXP Semiconductors LPC18S50 Datasheet HTML 123Page - NXP Semiconductors LPC18S50 Datasheet HTML 124Page - NXP Semiconductors LPC18S50 Datasheet HTML 125Page - NXP Semiconductors LPC18S50 Datasheet HTML 126Page - NXP Semiconductors LPC18S50 Datasheet HTML 127Page - NXP Semiconductors LPC18S50 Datasheet HTML 128Page - NXP Semiconductors LPC18S50 Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
125 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
11.16 SPIFI
Table 31.
Dynamic characteristics: SPIFI
Tamb = 40 C to 85 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V. CL = 20 pF. Sampled
at 90 % and 10 % of the signal level. EHS = 1 for all pins. Simulated values.
Symbol
Parameter
Min
Max
Unit
Tcy(clk)
clock cycle time
9.6
-
ns
tDS
data set-up time
2.8
-
ns
tDH
data hold time
0
-
ns
tv(Q)
data output valid time
-
2.6
ns
th(Q)
data output hold time
0.8
-
ns
Fig 38. SPIFI timing (Mode 0)
SPIFI_SCK
SPIFI data out
SPIFI data in
Tcy(clk)
tDS
tDH
tv(Q)
DATA VALID
DATA VALID
th(Q)
DATA VALID
DATA VALID
002aah409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com