Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 128 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 124Page - NXP Semiconductors LPC18S50 Datasheet HTML 125Page - NXP Semiconductors LPC18S50 Datasheet HTML 126Page - NXP Semiconductors LPC18S50 Datasheet HTML 127Page - NXP Semiconductors LPC18S50 Datasheet HTML 128Page - NXP Semiconductors LPC18S50 Datasheet HTML 129Page - NXP Semiconductors LPC18S50 Datasheet HTML 130Page - NXP Semiconductors LPC18S50 Datasheet HTML 131Page - NXP Semiconductors LPC18S50 Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
128 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
[1]
In the DAC CR register, bit BIAS = 0 (see the LPC18xx user manual).
[2]
Settling time is calculated within 1/2 LSB of the final value.
Rs < 1/((7
 f
clk(ADC)  Cia)  2 k
Fig 40. ADC interface to pins
LPC18xx
ADC0_n/ADC1_n
Cia = 2 pF
Rvsi
Rs
VSS
VEXT
002aag697
ADC
COMPARATOR
2 kΩ (analog pin)
2.2 kΩ (multiplexed pin)
Table 33.
DAC characteristics
VDDA(3V3) over specified ranges; Tamb = 40 C to +85 C; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ED
differential linearity error
2.7 V
 V
DDA(3V3)  3.6 V
[1] -
0.8
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.0
-
LSB
EL(adj)
integral non-linearity
code = 0 to 975
2.7 V
 V
DDA(3V3)  3.6 V
[1] -
1.0
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.5
-
LSB
EO
offset error
2.7 V
 V
DDA(3V3)  3.6 V
[1] -
0.8
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.0
-
LSB
EG
gain error
2.7 V
 V
DDA(3V3)  3.6 V
[1] -
0.3
-
%
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.0
-
%
CL
load capacitance
-
-
200
pF
RL
load resistance
1
-
-
k
ts
settling time
[1]
0.4




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com