Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 132 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 128Page - NXP Semiconductors LPC18S50 Datasheet HTML 129Page - NXP Semiconductors LPC18S50 Datasheet HTML 130Page - NXP Semiconductors LPC18S50 Datasheet HTML 131Page - NXP Semiconductors LPC18S50 Datasheet HTML 132Page - NXP Semiconductors LPC18S50 Datasheet HTML 133Page - NXP Semiconductors LPC18S50 Datasheet HTML 134Page - NXP Semiconductors LPC18S50 Datasheet HTML 135Page - NXP Semiconductors LPC18S50 Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
132 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
12 MHz
< 160
18 pF, 18 pF
< 160
39 pF, 39 pF
16 MHz
< 120
18 pF, 18 pF
< 80
33 pF, 33 pF
20 MHz
< 100
18 pF, 18 pF
< 80
33 pF, 33 pF
Table 38.
Recommended values for CX1/X2 in oscillation mode (crystal and external
components parameters) high frequency mode
Fundamental oscillation
frequency
Maximum crystal series
resistance RS
External load capacitors CX1,
Cx2
15 MHz
< 80
18 pF, 18 pF
20 MHz
< 80
39 pF, 39 pF
< 100
47 pF, 47 pF
Fig 41. Slave mode operation of the on-chip oscillator
Fig 42. Oscillator modes with external crystal model used for CX1/CX2 evaluation
Table 37.
Recommended values for CX1/X2 in oscillation mode (crystal and external
components parameters) low frequency mode
Fundamental oscillation
frequency
Maximum crystal series
resistance RS
External load capacitors
CX1, CX2
LPC1xxx
XTAL1
Ci
100 pF
Cg
002aae835
002aag031
LPC18xx
XTAL1
XTAL2
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com