Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 133 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 129Page - NXP Semiconductors LPC18S50 Datasheet HTML 130Page - NXP Semiconductors LPC18S50 Datasheet HTML 131Page - NXP Semiconductors LPC18S50 Datasheet HTML 132Page - NXP Semiconductors LPC18S50 Datasheet HTML 133Page - NXP Semiconductors LPC18S50 Datasheet HTML 134Page - NXP Semiconductors LPC18S50 Datasheet HTML 135Page - NXP Semiconductors LPC18S50 Datasheet HTML 136Page - NXP Semiconductors LPC18S50 Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
133 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
13.3 RTC oscillator
In the RTC oscillator circuit, only the crystal (XTAL) and the capacitances CRTCX1 and
CRTCX2 need to be connected externally. Typical capacitance values for CRTCX1 and
CRTCX2 are CRTCX1/2 = 20 (typical)  4 pF.
An external clock can be connected to RTCX1 if RTCX2 is left open. The recommended
amplitude of the clock signal is Vi(RMS) = 100 mV to 200 mV with a coupling capacitance of
5 pF to 10 pF. Vi(RMS) must be lower than 450 mV. See Figure 41 for a similar slave-mode
set-up that uses the crystal oscillator.
13.4 XTAL and RTCX Printed Circuit Board (PCB) layout guidelines
Connect the crystal on the PCB as close as possible to the oscillator input and output pins
of the chip. Take care that the load capacitors CX1, CX2, and CX3 in case of third overtone
crystal usage have a common ground plane. Also connect the external components to the
ground plain. To keep the noise coupled in via the PCB as small as possible, make loops
and parasitics as small as possible. Choose smaller values of CX1 and CX2 if parasitics
increase in the PCB layout.
Ensure that no high-speed or high-drive signals are near the RTCX1/2 signals.
13.5 Standard I/O pin configuration
Figure 44 shows the possible pin modes for standard I/O pins with analog input function:
• Digital output driver enabled/disabled
• Digital input: Pull-up enabled/disabled
• Digital input: Pull-down enabled/disabled
• Digital input: Repeater mode enabled/disabled
• Digital input: Input buffer enabled/disabled
• Analog input
The default configuration for standard I/O pins is input buffer disabled and pull-up
enabled. The weak MOS devices provide a drive capability equivalent to pull-up and
pull-down resistors.
Fig 43. RTC 32 kHz oscillator circuit
002aah066
LPC18xx
RTCX1
RTCX2
CRTCX2
CRTCX1
XTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com