Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 131 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 127Page - NXP Semiconductors LPC18S50 Datasheet HTML 128Page - NXP Semiconductors LPC18S50 Datasheet HTML 129Page - NXP Semiconductors LPC18S50 Datasheet HTML 130Page - NXP Semiconductors LPC18S50 Datasheet HTML 131Page - NXP Semiconductors LPC18S50 Datasheet HTML 132Page - NXP Semiconductors LPC18S50 Datasheet HTML 133Page - NXP Semiconductors LPC18S50 Datasheet HTML 134Page - NXP Semiconductors LPC18S50 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
131 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
13.2 Crystal oscillator
The crystal oscillator is controlled by the XTAL_OSC_CTRL register in the CGU (see
LPC18xx user manual).
The crystal oscillator operates at frequencies of 1 MHz to 25 MHz. This frequency can be
boosted to a higher frequency, up to the maximum CPU operating frequency, by the PLL.
The oscillator can operate in one of two modes: slave mode and oscillation mode.
• In slave mode, couple the input clock signal with a capacitor of 100 pF (CC in
Figure 41), with an amplitude of at least 200 mV (RMS). The XTAL2 pin in this
configuration can be left unconnected.
• External components and models used in oscillation mode are shown in Figure 42,
and in Table 37 and Table 38. Since the feedback resistance is integrated on chip,
only a crystal and the capacitances CX1 and CX2 need to be connected externally in
case of fundamental mode oscillation (L, CL and RS represent the fundamental
frequency). Capacitance CP in Figure 42 represents the parallel package capacitance
and must not be larger than 7 pF. Parameters FC, CL, RS and CP are supplied by the
crystal manufacturer.
LCD_VD0
-
-
-
-
-
-
P4_1
RED0
LCD_LP
P7_6
LCDLP
P7_6
LCDLP
P7_6
LCDLP
P7_6
LCDLP
LCD_ENAB
/LCDM
P4_6
LCDENAB/
LCDM
P4_6
LCDENAB/
LCDM
P4_6
LCDENAB/
LCDM
P4_6
LCDENAB/
LCDM
LCD_FP
P4_5
LCDFP
P4_5
LCDFP
P4_5
LCDFP
P4_5
LCDFP
LCD_DCLK P4_7
LCDDCLK
P4_7
LCDDCLK
P4_7
LCDDCLK
P4_7
LCDDCLK
LCD_LE
P7_0
LCDLE
P7_0
LCDLE
P7_0
LCDLE
P7_0
LCDLE
LCD_PWR
P7_7
LCDPWR
P7_7
LCDPWR
P7_7
LCDPWR
P7_7
LCDPWR
GP_CLKIN
PF_4
LCDCLKIN PF_4
LCDCLKIN
PF_4
LCDCLKIN PF_4
LCDCLKIN
Table 36.
LCD panel connections for TFT panels
External
pin
TFT 12 bit (4:4:4
mode)
TFT 16 bit (5:6:5 mode)
TFT 16 bit (1:5:5:5 mode) TFT 24 bit
LPC18xx
pin used
LCD
function
LPC18xx
pin used
LCD
function
LPC18xx pin
used
LCD
function
LPC18xx
pin used
LCD
function
Table 37.
Recommended values for CX1/X2 in oscillation mode (crystal and external
components parameters) low frequency mode
Fundamental oscillation
frequency
Maximum crystal series
resistance RS
External load capacitors
CX1, CX2
2 MHz
< 200
33 pF, 33 pF
< 200
39 pF, 39 pF
< 200
56 pF, 56 pF
4 MHz
< 200
18 pF, 18 pF
< 200
39 pF, 39 pF
< 200
56 pF, 56 pF
8 MHz
< 200
18 pF, 18 pF
< 200
39 pF, 39 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com