Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 18Page - Texas Instruments TAS5721 Datasheet HTML 19Page - Texas Instruments TAS5721 Datasheet HTML 20Page - Texas Instruments TAS5721 Datasheet HTML 21Page - Texas Instruments TAS5721 Datasheet HTML 22Page - Texas Instruments TAS5721 Datasheet HTML 23Page - Texas Instruments TAS5721 Datasheet HTML 24Page - Texas Instruments TAS5721 Datasheet HTML 25Page - Texas Instruments TAS5721 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
22
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Functional Block Diagram (continued)
Figure 49. DAP Process Structure
9.3 Feature Description
9.3.1 Power Supply
To facilitate system design, the TAS5721 needs only a 3.3-V supply in addition to the PVDD power-stage supply.
The required sequencing of the power supplies is shown in the Recommended Use Model section. An internal
voltage regulator provides suitable voltage levels for the gate drive circuitry. Additionally, all circuitry requiring a
floating voltage supply, for example, the high-side gate drive, is accommodated by built-in bootstrap circuitry
requiring only a few external capacitors.
In order to provide good electrical and acoustical characteristics, the PWM signal path for the output stage is
designed as identical, independent half-bridges. For this reason, each half-bridge has separate bootstrap pins
(BSTRPx) and power-stage supply pins (PVDD). The gate drive voltage (GVDD_REG) is derived from the PVDD
voltage. Special attention should be paid to placing all decoupling capacitors as close to their associated pins as
possible. In general, inductance between the power-supply pins and decoupling capacitors must be avoided.
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BSTRPx) to the power-stage output pin (SPK_OUTx). When the power-stage output is low, the bootstrap
capacitor is charged through an internal diode connected between the gate-drive regulator output pin (GVDD_X)
and the bootstrap pin. When the power-stage output is high, the bootstrap capacitor potential is shifted above the
output potential and thus provides a suitable voltage supply for the high-side gate driver. As shown in the Typical
Application section, it is recommended to use ceramic capacitors, for the bootstrap supply pins. These capacitors
ensure sufficient energy storage, even during minimal PWM duty cycles, to keep the high-side power stage FET
(LDMOS) fully turned on during the remaining part of the PWM cycle.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. As indicated, each half-bridge has independent power-stage supply pins (PVDD). For
optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD pin is
decoupled with a ceramic capacitor placed as close as possible to each supply pin, as shown in the Typical
Application section.
The TAS5721 is fully protected against erroneous power-stage turn-on due to parasitic gate charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com