Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5721 Datasheet HTML 1Page - Texas Instruments TAS5721 Datasheet HTML 2Page - Texas Instruments TAS5721 Datasheet HTML 3Page - Texas Instruments TAS5721 Datasheet HTML 4Page - Texas Instruments TAS5721 Datasheet HTML 5Page - Texas Instruments TAS5721 Datasheet HTML 6Page - Texas Instruments TAS5721 Datasheet HTML 7Page - Texas Instruments TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
0
2
4
6
8
10
12
14
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 8Ÿ THD+N = 1%
RL = 8Ÿ THD+N = 10%
RL = 6Ÿ THD+N = 1%
RL = 6Ÿ THD+N = 10%
RL = 4Ÿ THD+N = 1%
RL = 4Ÿ THD+N = 10%
C001
T
A = 25°C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
TAS5721 Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line
Driver
1
1 Features
1
•
Audio Input/Output
–
10 W x 2 into 8
Ω With PVDD = 24 V
–
8 W x 2 + 12 W x 1 into 8
Ω With PVDD = 24
V
–
Supports 2.0, Single Device 2.1, and Mono
Modes
–
Supports 8-kHz to 48-kHz Sample Rate
(LJ/RJ/I2S)
–
Integrated DirectPath™ Headphone Amplifier
and 2 VRMS Line Driver
•
Audio/PWM Processing
–
Independent Channel Volume Controls With
24-dB to Mute in 0.5 dB Steps
–
Separate Dynamic Range Control for Satellite
and Sub Channels
–
21 Programmable Biquads for Speaker EQ
–
Programmable Two-Band Dynamic Range
Control
–
Support for 3D Effects
•
General Features
–
I2C™ Serial Control Interface Operational
Without MCLK
–
Configurable I2C Address (0x34 or 0x36)
–
Automatic Sample Rate Detection
–
Thermal and Short-Circuit Protection
–
Wide PVDD Supply Range (4.5 V to 24 V)
2 Applications
LED/LCD TVs, Soundbar, Docking Stations, PC
Speakers
3 Description
The TAS5721 is an efficient, digital-input audio
amplifier for driving 2.0 speaker systems configured
as a bridge tied load (BTL), 2.1 systems with two
satellite speakers and one subwoofer, or in PBTL
systems driving a single speaker configured as a
parallel bridge tied load (PBTL). One serial data input
allows processing of up to two discrete audio
channels and seamless integration to most digital
audio processors and MPEG decoders. The device
accepts a wide range of input data formats and
sample rates. A fully programmable data path routes
these channels to the internal speaker drivers.
The TAS5721 is a slave-only device, receiving all
clocks from external sources. The TAS5721 operates
with a PWM carrier frequency between a 384-kHz
switching
rate
and
a
288-KHz
switching
rate,
depending on the input sample rate. Oversampling,
combined with a fourth-order noise shaper, provides
a flat noise floor and excellent dynamic range from 20
Hz to 20 kHz.
An
integrated
ground
centered
DirectPath™
combination headphone amplifier and 2VRMS line
driver is integrated in the TAS5721.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5721
HTSSOP (48)
12.50 mm × 6.10
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output Power vs. PVDD in 2.0 Mode
Signal Processing Flow


Similar Part No. - TAS5721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI1-TAS5721 Datasheet
1Mb / 71P
Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 71P
Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 78P
Digital Audio Power Amplifier
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 71P
Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 78P
Digital Audio Power Amplifier
More results

Similar Description - TAS5721

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5721 TI1-TAS5721 Datasheet
1Mb / 71P
Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
logo
Anpec Electronics Corop...
APA3169 ANPEC-APA3169 Datasheet
1Mb / 53P
20W Stereo Digital Class-D Audio Power Amplifier with EQ, DRC and 2.1 Mode
logo
Texas Instruments
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com