Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 58Page - Texas Instruments TAS5721 Datasheet HTML 59Page - Texas Instruments TAS5721 Datasheet HTML 60Page - Texas Instruments TAS5721 Datasheet HTML 61Page - Texas Instruments TAS5721 Datasheet HTML 62Page - Texas Instruments TAS5721 Datasheet HTML 63Page - Texas Instruments TAS5721 Datasheet HTML 64Page - Texas Instruments TAS5721 Datasheet HTML 65Page - Texas Instruments TAS5721 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
2.0 BTL Mode
PO = 1W
PVDD = 12V
RL = 8Ω
TA = 25°C
G033
0
1
2
3
4
5
6
7
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 2x8Ÿ
Ÿ THD+N = 1%
RL = 2x8Ÿ
Ÿ THD+N = 10%
RL = 2x4Ÿ
Ÿ THD+N = 1%
RL = 2x4Ÿ
Ÿ THD+N = 10%
RL = 2x4Ÿ
Ÿ THD+N = 1%
RL = 2x4Ÿ
Ÿ THD+N = 10%
C002
T
A = 25°C
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
2.0 BTL Mode
RL = 8Ω
TA = 25°C
All Channels Driven
G025
62
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
10.2.3 Application Curves
Figure 74. Output Power vs PVDD in 2.1 Mode
Figure 75. Efficiency vs Output Power in 2.0 Mode
Figure 76. Crosstalk vs Frequency in 2.0 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com