Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 6Page - Texas Instruments TAS5721 Datasheet HTML 7Page - Texas Instruments TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments TAS5721 Datasheet HTML 10Page - Texas Instruments TAS5721 Datasheet HTML 11Page - Texas Instruments TAS5721 Datasheet HTML 12Page - Texas Instruments TAS5721 Datasheet HTML 13Page - Texas Instruments TAS5721 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
SCL
SDA
t
w(H)
t
w(L)
t
r
t
f
t
su1
t
h1
T0027-01
t
w(RST)
RST
t
d(I2C_ready)
System Initialization.
Enable via I C.
2
T0421-01
I C Active
2
I C Active
2
10
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Serial Audio Port Timing (continued)
PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, audio input signal =1 kHz sine wave, BTL, AD mode, fS = 48 kHz, RSPK = 8
Ω, AES17 filter, fPWM = 384 kHz, external components per Typical Application diagrams, and in accordance with
recommended operating conditions (unless otherwise specified).
MIN
TYP
MAX
UNIT
LRCLK frequency
8
48
48
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK rising edges between LRCLK rising edges
32
64
SCLK
edges
t(edge)
LRCLK clock edge with respect to the falling edge of SCLK
–1/4
1/4
SCLK
period
tr/tf
Rise/fall time for SCLK/LRCLK
8
ns
LRCLK allowable drift before LRCLK reset
4
MCLK
Periods
NOTE: On power up, it is recommended that the TAS5721 RST be held LOW for at least 100
μs after DVDD has reached 3
V.
NOTE: If RST is asserted LOW while PDN is LOW, then RST must continue to be held LOW for at least 100
μs after PDN is
deasserted (HIGH).
Figure 1. Reset Timing
Figure 2. SCL and SDA Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com