Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 34Page - Texas Instruments TAS5721 Datasheet HTML 35Page - Texas Instruments TAS5721 Datasheet HTML 36Page - Texas Instruments TAS5721 Datasheet HTML 37Page - Texas Instruments TAS5721 Datasheet HTML 38Page - Texas Instruments TAS5721 Datasheet HTML 39Page - Texas Instruments TAS5721 Datasheet HTML 40Page - Texas Instruments TAS5721 Datasheet HTML 41Page - Texas Instruments TAS5721 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
u
Coefficient
Digit8
u u u
u u S x
Coefficient
Digit7
x.
x
x
x
Coefficient
Digit6
x
x
x
x
Coefficient
Digit5
x
x
x
x
Coefficient
Digit4
x
x
x
x
Coefficient
Digit3
x
x
x
x
Coefficient
Digit2
x
x
x
x
Coefficient
Digit1
Fraction
Digit5
Fraction
Digit4
Fraction
Digit3
Fraction
Digit2
Fraction
Digit1
Integer
Digit1
Sign
Bit
Fraction
Digit6
u=unusedordon’tcarebits
Digit=hexadecimaldigit
M0127-01
0
38
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Programming (continued)
Figure 70. Alignment of 3.23 Coefficient in 32-Bit I2C Word
Table 2. Sample Calculation for 3.23 Format
dB
LINEAR
DECIMAL
HEX (3.23
FORMAT)
0
1
8,388,608
0080 0000
5
1.7782794
14,917,288
00E3 9EA8
–5
0.5623413
4,717,260
0047 FACC
X
L = 10(X/20)
D = 8,388,608 × L
H = dec2hex (D, 8)
Table 3. Sample Calculation for 9.17 Format
dB
LINEAR
DECIMAL
HEX (9.17
FORMAT)
0
1
131,072
2 0000
5
1.77
231,997
3 8A3D
–5
0.56
73,400
1 1EB8
X
L = 10(X/20)
D = 131,072 × L
H = dec2hex (D, 8)
9.6 Register Maps
Table 4. Serial Control Interface Register Summary
SUBADDRESS
REGISTER NAME
NO. OF
BYTES
CONTENTS
DEFAULT
VALUE
A u indicates unused bits.
0x00
Clock control register
1
Description shown in subsequent section
0x6C
0x01
Device ID register
1
Description shown in subsequent section
0x00
0x02
Error status register
1
Description shown in subsequent section
0x00
0x03
System control register 1
1
Description shown in subsequent section
0xA0
0x04
Serial data interface
register
1
Description shown in subsequent section
0x05
0x05
System control register 2
1
Description shown in subsequent section
0x40
0x06
Soft mute register
1
Description shown in subsequent section
0x00
0x07
Master volume
1
Description shown in subsequent section
0xFF (mute)
0x08
Channel 1 vol
1
Description shown in subsequent section
0x30 (0 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com