Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 20Page - Texas Instruments TAS5721 Datasheet HTML 21Page - Texas Instruments TAS5721 Datasheet HTML 22Page - Texas Instruments TAS5721 Datasheet HTML 23Page - Texas Instruments TAS5721 Datasheet HTML 24Page - Texas Instruments TAS5721 Datasheet HTML 25Page - Texas Instruments TAS5721 Datasheet HTML 26Page - Texas Instruments TAS5721 Datasheet HTML 27Page - Texas Instruments TAS5721 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
24
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Feature Description (continued)
9.3.5 PWM Section
The TAS5721 DAP device uses noise-shaping and sophisticated non-linear correction algorithms to achieve high
power efficiency and high-performance digital audio reproduction. The DAP uses a fourth-order noise shaper to
increase dynamic range and SNR in the audio band. The PWM section accepts 24-bit PCM data from the DAP
and outputs up to three PWM audio output channels.
The PWM modulation block has individual channel dc blocking filters that can be enabled and disabled. The filter
cutoff frequency is less than 1 Hz. Individual channel de-emphasis filters for 44.1- and 48-kHz are included and
can be enabled and disabled.
Finally, the PWM section has an adjustable maximum modulation limit of 93.8% to 99.2%. It is important to note
that for any applications with PVDD greater than 18 V, the maximum modulation index must be set to 93.8%.
9.3.6 SSTIMER Functionality
The SSTIMER pin uses a capacitor connected between this pin and ground to control the output duty cycle when
exiting all-channel shutdown. The capacitor on the SSTIMER pin is slowly charged through an internal current
source, and the charge time determines the rate at which the output transitions from a near-zero duty cycle to the
desired duty cycle. This allows for a smooth transition that minimizes audible pops and clicks. When the part is
shut down, the drivers are placed in the high-impedance state and transition slowly down through a 3-k
Ω resistor,
similarly minimizing pops and clicks. The shutdown transition time is independent of the SSTIMER pin
capacitance. The SSTIMER capacitor size determines the start-up time, 2200 pF is the maximum recommended
value. The SSTIMER pin can be left floating when using BD modulation, but leaving the capacitor connected
does not represent any issue.
9.3.7 2.1-Mode Support
The TAS5721 uses a special mid-Z ramp sequence to reduce click and pop in SE-mode and 2.1-mode operation.
To enable the mid-Z ramp, register 0x05 bit D7 must be set to 1. To enable 2.1 mode, register 0x05 bit D2 must
be set to 1. The SSTIMER pin should be left floating in this mode.
9.3.7.1 Supply Pumping and Polarity Inversion for 2.1 Mode
The high degree of correlation between the left and right channels of a stereo audio signal dictates that, when
the left audio signal is positive, the right audio signal tends to be positive as well. When the Class D is configured
for single-ended operation (as would be the case for Single Device 2.1 Operation), this results in both outputs
drawing current from the supply rail "in phase". Similarly, when the left audio signal is negative, the right audio
signal tends to be negative as well. For single-ended operation, both outputs will likewise force current into the
ground rail. This can lead to a phenomenon called "supply pumping" in which the capacitances on the PVDD rail
begin to store charge- raising the voltage level of PVDD as well. This noise injection onto the rail is in phase with
and at a similar frequency of the signal being produced by the amplifier output stage. This phenomenon can
cause issues for other devices attached to the PVDD rail. The problem does not occur for BTL outputs since
outputs of both polarities are always present for each channel.
To combat supply pumping in 2.1 Mode, the device has an integrated speaker-mode volume negation feature,
which, essentially introduces a polarity inversion (shift by 180°) to any of the given channels. By setting the
correct bit in 0x20[31:24], it is possible to invert the polarity of the DAP channels that drive the PWM modulator
blocks. This allows, for instance, the left channel to operate with its default polarity, while the right channel could
have its polarity inverted to balance current flow into and out of the supplies. This procedure could have an
adverse implication on the stereo imaging of the audio system because, if the speakers in the system are
connected in the same manner as they would be connected when being driven by traditional BTL channels, the
phase of the signals being sent to the speakers is 180° out of phase. In order to prevent this from occurring, the
speaker on the negated channel must be connected "backwards" (i.e. the Class D signal for the negated channel
gets connected to the negative speaker terminal and the positive terminal is grounded). In this way, supply
pumping is reduced while keeping the effective signal polarity the same. The table above includes register
settings which enable the polarity inversion, so care should be taken to adjust the polarity of the speakers if this
feature is left enabled. Of course this feature can be left disabled if desired, provided the supply pumping
phenomenon doesn't cause any other system level issues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com