Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 65Page - Texas Instruments TAS5721 Datasheet HTML 66Page - Texas Instruments TAS5721 Datasheet HTML 67Page - Texas Instruments TAS5721 Datasheet HTML 68Page - Texas Instruments TAS5721 Datasheet HTML 69Page - Texas Instruments TAS5721 Datasheet HTML 70Page - Texas Instruments TAS5721 Datasheet HTML 71Page - Texas Instruments TAS5721 Datasheet HTML 72Page - Texas Instruments TAS5721 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
0.1µF
4.7µF
3.3V
PVDD
0.01µF
0.01µF
220µF
0.1µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Via to Ground Plane
Top Layer Ground Plane
Top Layer Traces
Pad to Top Layer Ground Plane
PowerPAD
V
Via to Power Supply Plane
18.0K
0.1µF
4.7µF
0.1µF
4.7µF
3.3V
2200pF
1µF
0.1µF
PVDD
0.01µF
0.01µF
220µF
0.1µF
System Processor
TAS5721
47nF
470
4700pF
470
4700pF
47nF
0.1µF
4.7µF
3.3V
1µF
1µF
HP/Line Driver
Input
1.5µF
1.5µF
10K
10K
10K
10K
Driver Output
Solid GND plane with vias
close to decoupling points
for low impedance return
path
Several Via connection
between top and bottom
ground layers for EMI and
Thermal performance
Star routing for better
thermal performance
High Frequency
Decupling Capacitor
placed as close as
possible to the device
Refer to
for a detailed
description of the
filter design
SLOA119
Wide open areas for
thermal flow
Bulk Capacitor for
good audio
decoupling close to
PVDD source
Wide space
between driver
output traces
69
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
12.2 Layout Example
Figure 82. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com