Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 55Page - Texas Instruments TAS5721 Datasheet HTML 56Page - Texas Instruments TAS5721 Datasheet HTML 57Page - Texas Instruments TAS5721 Datasheet HTML 58Page - Texas Instruments TAS5721 Datasheet HTML 59Page - Texas Instruments TAS5721 Datasheet HTML 60Page - Texas Instruments TAS5721 Datasheet HTML 61Page - Texas Instruments TAS5721 Datasheet HTML 62Page - Texas Instruments TAS5721 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
59
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
10.2.1 Design Requirements
Table 25 lists the design parameters of the TAS5721.
(1)
Refer to SLOA119 for a detailed description on the filter design.
Table 25. Design Parameters
PARAMETER
EXAMPLE
Low Power Supply
3.3 V
High Power Supply
8 V to 24 V
Host Processor
I2S Compliant Master
I2C Compliant Master
GPIO Control
Output Filters
Inductor-Capacitor Low Pass Filter(1)
Speaker
8
Ω minimum BTL
4
Ω minimum PBTL and Single Ended
10.2.2 Detailed Design Procedure
10.2.2.1 Component Selection and Hardware Connections
The typical connections required for proper operation of the device can be found on the TAS5721EVM User’s
Guide (SLOU346). The device was tested this this list of components, deviation from this typical application
components unless recommended by this document may produce unwanted results, which could range from
degradation of audio performance to destructive failure of the device. The application report SLOA119 offers a
detailed description on proper component selection and design of the output filter based upon the modulation
used, desired load and response.
10.2.2.2 I2C Pullup Resistors
Customary pullup resistors are required on the SCL and SDA signal lines. They are not shown in the Typical
Application Circuits, because they are shared by all of the devices on the I²C bus and are considered to be part
of the associated passive components for the System Processor. These resistor values should be chosen per the
guidance provided in the I²C Specification.
10.2.2.3 Digital I/O Connectivity
The digital I/O lines of the TAS5721 are described in previous sections. As discussed, whenever a static digital
pin (that is a pin that is hardwired to be HIGH or LOW) is required to be pulled HIGH, it should be connected to
DVDD through a pullup resistor to control the slew rate of the voltage presented to the digital I/O pins. It is not,
however, necessary to have a separate pullup resistor for each static digital I/O line. Instead, a single resistor
can be used to tie all static I/O lines HIGH to reduce BOM count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com