Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 10Page - Texas Instruments TAS5721 Datasheet HTML 11Page - Texas Instruments TAS5721 Datasheet HTML 12Page - Texas Instruments TAS5721 Datasheet HTML 13Page - Texas Instruments TAS5721 Datasheet HTML 14Page - Texas Instruments TAS5721 Datasheet HTML 15Page - Texas Instruments TAS5721 Datasheet HTML 16Page - Texas Instruments TAS5721 Datasheet HTML 17Page - Texas Instruments TAS5721 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 8
Ÿ
RL = 6
Ÿ
RL = 4
Ÿ
C018
PV
DD = 24V
f = 1kHz
T
A = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 2x8Ÿ
Ÿ
RL = 2x4Ÿ
Ÿ
RL = 2x4Ÿ
Ÿ
C019
PV
DD = 12V
f = 1kHz
T
A = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 8
Ÿ
RL = 6
Ÿ
RL = 4
Ÿ
C016
PV
DD = 12V
f = 1kHz
T
A = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 8
Ÿ
RL = 6
Ÿ
RL = 4
Ÿ
C017
PV
DD = 18V
f = 1kHz
T
A = 25°C
10
15
20
25
30
35
40
45
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 2x8+8Ω
RL = 2x4+8Ω
RL = 2x4+4Ω
2.1 SE Mode
TA = 25°C
G014
15
20
25
30
35
40
45
50
55
60
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 4Ω
RL = 8Ω
PBTL Mode
TA = 25°C
G015
14
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 17. 2.1 Idle Channel Noise vs PVDD
Figure 18. PBTL Idle Channel Noise vs PVDD
Figure 19. Total Harmonic Distortion + Noise vs Output
Power in 2.0 Mode With PVDD = 12 V
Figure 20. Total Harmonic Distortion + Noise vs Output
Power in 2.0 Mode With PVDD = 18 V
Figure 21. Total Harmonic Distortion + Noise vs Output
Power in 2.0 Mode With PVDD = 24 V
Figure 22. Total Harmonic Distortion + Noise vs Output
Power in 2.1 Mode With PVDD = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com