Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 30Page - Texas Instruments TAS5721 Datasheet HTML 31Page - Texas Instruments TAS5721 Datasheet HTML 32Page - Texas Instruments TAS5721 Datasheet HTML 33Page - Texas Instruments TAS5721 Datasheet HTML 34Page - Texas Instruments TAS5721 Datasheet HTML 35Page - Texas Instruments TAS5721 Datasheet HTML 36Page - Texas Instruments TAS5721 Datasheet HTML 37Page - Texas Instruments TAS5721 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
OPAMP
C
o
Mute Circuit
Output
MUTE
9–12 V
+
+
+
–
Conventional Solution
Mute Circuit
Output
DR_SD
3.3 V
+
–
TAS5721 Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath
TAS5721
DR_INx
DR_OUTx
S0490-02
V
OUT
V
IN
R
1
R
2
34
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Figure 65. Headphone/Line Driver with Analog Input
DR_SD pin can be used to turn ON or OFF the headphone amplifier and line driver.
Speaker channels are independent of headphone and line driver in this mode.
9.3.13.2 Using Line Driver Amplifier in TAS5721
Single-supply headphone and line driver amplifiers typically require dc-blocking capacitors. The top drawing in
Figure 66 illustrates the conventional line driver amplifier connection to the load and output signal.
DC blocking capacitors for headphone amps are often large in value, and a mute circuit is needed during power
up to minimize click and pop for both headphone and line driver. The output capacitors and mute circuits
consume PCB area and increase cost of assembly, and can reduce the fidelity of the audio output signal.
Figure 66. Conventional and DirectPath HP and Line Driver
The DirectPath amplifier architecture operates from a single supply but makes use of an internal charge pump to
provide a negative voltage rail.
Combining the user provided positive rail and the negative rail generated by the IC, the device operates in what
is effectively a split supply mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com