Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 61Page - Texas Instruments TAS5721 Datasheet HTML 62Page - Texas Instruments TAS5721 Datasheet HTML 63Page - Texas Instruments TAS5721 Datasheet HTML 64Page - Texas Instruments TAS5721 Datasheet HTML 65Page - Texas Instruments TAS5721 Datasheet HTML 66Page - Texas Instruments TAS5721 Datasheet HTML 67Page - Texas Instruments TAS5721 Datasheet HTML 68Page - Texas Instruments TAS5721 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
220 µfd/35 V
M
C8
+
0.1 µfd/50 V
0402 X7R
C9
220 µfd/35 V
M
C31
+
0.1 µfd/50 V
0402 X7R
C32
0.1 µfd/16 V
0402 X7R
C19
4.7 µfd/6.3 V
0402 X5R
C20
1 µfd/10 V
0402 X5R
C13
HTSSOP48-DCA
U1
PowerPAD
18
0603
R13
330 pfd/50 V
0402 COG
C27
18
0603
R14
330 pfd/50 V
0402 COG
C28
18
0603
R15
330 pfd/50 V
0402 COG
C29
18
0603
R16
330 pfd/50 V
0402 COG
C30
10 µfd/6.3 V
0603 X5R
C12
10 µfd/6.3 V
0603 X5R
C18
AVDD
AVDD
0.33 µfd/50 V
0805 X7R
C35
15 µH/3.5 A
A7503AY
L1
15 µH/3.5 A
A7503AY
L2
15 µH/3.5 A
A7503AY
L3
15 µH/3.5 A
A7503AY
L4
0.33 µfd/50 V
0805 X7R
C36
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PVDD
PVDD
GND
C7
0402 X7R
0.033 µfd/50 V
C15
0402 X7R
4700 pfd/25 V
R7
0402
470
C14
0402 X7R
0.047 µfd/16 V
GND
GND
470
0402
R8
0.047 µfd/16 V
0402 X7R
C16
4700 pfd/25 V
0402 X7R
C17
GND
C21
0402 X7R
0.033 µfd/50 V
0.033 µfd/50 V
0402 X7R
C22
C34
0402 X7R
0.1 µfd/16 V
C33
0603 X5R
10 µfd/6.3 V
GND
GND
DVDD
C26
0402 X7R
0.1 µfd/16 V
C23
0402 X7R
0.033 µfd/50 V
C25
0402 X7R
2200 pfd/50 V
GND
C24
0603 X5R
1 µfd/25 V
GND
R9
0402
18.20K
PWM2
PWM1
HTSSOP48-DCA
U1
TAS5723DCA
14
13
NC
AVDD2
FLTM
GND
15
16
18
17
FLTP
AVDD_REG1
DVDD_REG
GND
23
24
22
21
MCLK
ROSC
ADR
AVDD
19
20
8
7
NC
NC
NC
NC
9
10
12
11
NC
NC
5
6
4
3
BSTA
PVDD
SPK_OUTA
GND
1
2
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SDA
SCL
SDIN1
SCLK
LRCLK
NC
TEST
DVDD
GND
GND
PVDD
BSTD
GVDD_REG
AVDD_REG2
SSTIMER
GND
SPK_OUTD
SPK_OUTC
BSTC
SPK_OUTB
BSTB
C37
0805 X7R
0.33 µfd/50 V
GND
0.33 µfd/50 V
0805 X7R
C38
GND
C39
0805 X7R
0.33 µfd/50 V
0.33 µfd/50 V
0805 X7R
C40
STUFF OPTION NOTE
GROUND REFERENCED CAPS
REQUIRED IF BD MODULATION
IS USED
STUFF
OPTION
OUTPUTS
System Processor
and
Associated Components
PDN
RST
TEST
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
65
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
System Examples (continued)
Figure 79. Stereo (BTL) System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com