Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 51Page - Texas Instruments TAS5721 Datasheet HTML 52Page - Texas Instruments TAS5721 Datasheet HTML 53Page - Texas Instruments TAS5721 Datasheet HTML 54Page - Texas Instruments TAS5721 Datasheet HTML 55Page - Texas Instruments TAS5721 Datasheet HTML 56Page - Texas Instruments TAS5721 Datasheet HTML 57Page - Texas Instruments TAS5721 Datasheet HTML 58Page - Texas Instruments TAS5721 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
55
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Default values are in bold.
9.6.20 Bank Switch and EQ Control (0x50)
The bank switching feature is described in detail in section Bank Switching.
Table 24. Bank Switching Command
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
–
–
–
–
–
–
–
32 kHz, does not use bank 3 (1)
1
–
–
–
–
–
–
–
32 kHz, uses bank 3
–
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Reserved(1)
–
–
–
0
–
–
–
–
44.1/48 kHz, does not use bank 3 (1)
–
–
–
1
–
–
–
–
44.1/48 kHz, uses bank 3
–
–
–
–
0
–
–
–
16 kHz, does not use bank 3
–
–
–
–
1
–
–
–
16 kHz, uses bank 3 (1)
–
–
–
–
–
0
–
–
22.025/24 kHz, does not use bank 3
–
–
–
–
–
1
–
–
22.025/24 kHz, uses bank 3 (1)
–
–
–
–
–
–
0
–
8 kHz, does not use bank 3
–
–
–
–
–
–
1
–
8 kHz, uses bank 3 (1)
–
–
–
–
–
–
–
0
11.025 kHz/12, does not use bank 3
–
–
–
–
–
–
–
1
11.025/12 kHz, uses bank 3 (1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
–
–
–
–
–
–
–
32 kHz, does not use bank 2 (1)
1
–
–
–
–
–
–
–
32 kHz, uses bank 2
–
1
–
–
–
–
–
–
Reserved (1)
–
–
1
–
–
–
–
–
Reserved (1)
–
–
–
0
–
–
–
–
44.1/48 kHz, does not use bank 2
–
–
–
1
–
–
–
–
44.1/48 kHz, uses bank 2 (1)
–
–
–
–
0
–
–
–
16 kHz, does not use bank 2 (1)
–
–
–
–
1
–
–
–
16 kHz, uses bank 2
–
–
–
–
–
0
–
–
22.025/24 kHz, does not use bank 2 (1)
–
–
–
–
–
1
–
–
22.025/24 kHz, uses bank 2
–
–
–
–
–
–
0
–
8 kHz, does not use bank 2 (1)
–
–
–
–
–
–
1
–
8 kHz, uses bank 2
–
–
–
–
–
–
–
0
11.025/12 kHz, does not use bank 2 (1)
–
–
–
–
–
–
–
1
11.025/12 kHz, uses bank 2
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
–
–
–
–
–
–
–
32 kHz, does not use bank 1
1
–
–
–
–
–
–
–
32 kHz, uses bank 1 (1)
–
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Reserved(1)
–
–
–
0
–
–
–
–
44.1/48 kHz, does not use bank 1 (1)
–
–
–
1
–
–
–
–
44.1/48 kHz, uses bank 1
–
–
–
–
0
–
–
–
16 kHz, does not use bank 1 (1)
–
–
–
–
1
–
–
–
16 kHz, uses bank 1
–
–
–
–
–
0
–
–
22.025/24 kHz, does not use bank 1 (1)
–
–
–
–
–
1
–
–
22.025/24 kHz, uses bank 1
–
–
–
–
–
–
0
–
8 kHz, does not use bank 1 (1)
–
–
–
–
–
–
1
–
8 kHz, uses bank 1
–
–
–
–
–
–
–
0
11.025/12 kHz, does not use bank 1 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com