Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 56Page - Texas Instruments TAS5721 Datasheet HTML 57Page - Texas Instruments TAS5721 Datasheet HTML 58Page - Texas Instruments TAS5721 Datasheet HTML 59Page - Texas Instruments TAS5721 Datasheet HTML 60Page - Texas Instruments TAS5721 Datasheet HTML 61Page - Texas Instruments TAS5721 Datasheet HTML 62Page - Texas Instruments TAS5721 Datasheet HTML 63Page - Texas Instruments TAS5721 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
2
s
m
2
s
m
AVDD/DVDD
PDN
PVDD
RST
T0420-06
3 V
8 V
6 V
I C
2
2 ms
0 ns
0 ns
0 ns
Initialization
50 ms
2 s
m
2 s
m
2 s
m
AVDD/DVDD
PDN
PVDD
RST
T0419-07
3 V
3 V
0 ns
0 ns
10 s
m
100 s
13.5 ms
100 s
m
6 V
6 V
8 V
8 V
I C
2
SCL
SDA
Trim
Volume and Mute Commands
Exit
SD
Enter
SD
DAP
Config
Other
Config
t
PLL
(1)
1 ms + 1.3 t
stop
(2)
0 ns
Normal Operation
Shutdown
Powerdown
(1) t
has to be greater than 240 ms + 1.3 t
.
This constraint only applies to the first trim command following AVDD/DVDD power-up.
It does not apply to trim commands following subsequent resets.
(2) t
/t
= PWM start/stop time as defined in register 0X1A
(3) When Mid-Z ramp is enabled (for 2.1 mode), t
= 300 ms
PLL
start
start stop
start
1 ms + 1.3 t
start
(2)(3)
60
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
10.2.2.4 Recommended Startup and Shutdown Procedures
10.2.2.4.1
Recommended Use Model
Figure 72. Recommended Command Sequence
Figure 73. Power Loss Sequence
10.2.2.4.1.1
Initialization Sequence
Use the following sequence to power-up and initialize the device:
1. Hold all digital inputs low and ramp up AVDD/DVDD to at least 3 V.
2. Initialize digital inputs and PVDD supply as follows:
–
Drive RST = 0, PDN = 1, and other digital inputs to their desired state while ensuring that all are never
more than 2.5 V above AVDD/DVDD. Wait at least 100 µs, drive RST = 1, and wait at least another 13.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com