Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 12Page - Texas Instruments TAS5721 Datasheet HTML 13Page - Texas Instruments TAS5721 Datasheet HTML 14Page - Texas Instruments TAS5721 Datasheet HTML 15Page - Texas Instruments TAS5721 Datasheet HTML 16Page - Texas Instruments TAS5721 Datasheet HTML 17Page - Texas Instruments TAS5721 Datasheet HTML 18Page - Texas Instruments TAS5721 Datasheet HTML 19Page - Texas Instruments TAS5721 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
2.0 BTL Mode
PO = 1W
PVDD = 12V
RL = 4Ω
TA = 25°C
G032
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
2.0 BTL Mode
PO = 1W
PVDD = 12V
RL = 8Ω
TA = 25°C
G033
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
PBTL Mode
RL = 8Ω
TA = 25°C
All Channels Driven
G029
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
PBTL Mode
RL = 6Ω
TA = 25°C
All Channels Driven
G030
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
2.1 SE Mode
RL = 2x8+8Ω
TA = 25°C
All Channels Driven
G026
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
2.1 SE Mode
RL = 2x4+8Ω
TA = 25°C
All Channels Driven
G027
16
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All channels driven
Figure 29. Efficiency vs Output Power in 2.1 Mode
All channels driven
Figure 30. Efficiency vs Output Power in 2.1 Mode
All channels driven
Figure 31. Efficiency vs Output Power in PBTL Mode
All channels driven
Figure 32. Efficiency vs Output Power in PBTL Mode
Figure 33. Crosstalk vs Frequency in 2.0 Mode
Figure 34. Crosstalk vs Frequency in 2.0 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com