Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 31Page - Texas Instruments TAS5721 Datasheet HTML 32Page - Texas Instruments TAS5721 Datasheet HTML 33Page - Texas Instruments TAS5721 Datasheet HTML 34Page - Texas Instruments TAS5721 Datasheet HTML 35Page - Texas Instruments TAS5721 Datasheet HTML 36Page - Texas Instruments TAS5721 Datasheet HTML 37Page - Texas Instruments TAS5721 Datasheet HTML 38Page - Texas Instruments TAS5721 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
CH1_audio
CH3_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-04
D (S )
–
B (
)
R–
C (S+)
A (L+)
CH1_audio
CH3_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-03
D (S )
–
B (
)
R–
C (S+)
A (L+)
CH1_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-02
D (
)
R–
B (L )
–
C (R+)
A (L+)
CH1_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-01
D (
)
R–
B (L )
–
C (R+)
A (L+)
35
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
The output voltages are now centered at zero volts with the capability to swing to the positive rail or negative rail,
combining this with the built in click and pop reduction circuit, the DirectPath amplifier requires no output dc
blocking capacitors.
The bottom block diagram and waveform of Figure 66 illustrate the ground-referenced headphone and line driver
architecture. This is the architecture of the TAS5721.
9.4 Device Functional Modes
9.4.1 Output Mode and MUX Selection
The TAS5721 is a highly configurable device, capable of operating in 2.0, Single Device 2.1 and parallel bridge
tied load (PBTL) configurations. Addtionally, the modulation scheme can be changed for the channels to operate
either in AD or BD Modulation mode. While many configurations are possible because of this flexibility, the
majority of use cases uses will operate in one of the configurations shown below. For ease of use and reduced
complexity, the figure below outlines both the register settings and the output configurations required to set the
device up for operation in these various modes.
The output configuration quick reference table below highlights the controls that are required to configure the
device for various operational modes. Please note that other controls, which are not directly related to the output
configuration muxes may also be required. For example, the Inter Channel Delay (ICD) settings will likely need to
be modified to optimize for idle channel noise, cross-talk, and distortion performance for each of these
considerations, in addition to start and stop time and others. Please consult the respective registers for these
controls to optimize for various other performance parameters and use cases.
Table 1. Output Configuration Quick Reference
OUTPUT
CONFIGURATION
MODULATION MODE
REGISTER SETTINGS
BLOCK DIAGRAM
2.0 (Stereo BTL)
AD for Both Outputs
0x20[23] = 0
0x20[19] = 0
0x20[15:8] = 0x77
0x05[7] = 0
0x05[2] = 0
0x25[23:8] = 0x0213
0x1A[7:0] = 0x0F
BD for Both Outputs
0x20[23] = 1
0x20[19] = 1
0x20[15:8] = 0x77
0x05[7] = 0
0x05[2] = 0
0x25[23:8] = 0x0213
0x1A[7:0] = 0x0A
Single Device 2.1
(Stereo Single
Ended + Mono
BTL)
Note: In these
described
configurations, the
polarity of the
signal being sent to
SPK_OUTB is
inverted. For this
reason, care
should be taken to
ensure that the
speakers are
connected as
shown in the block
diagram.
AD for Both SE Outputs
AD for Single BTL
Output
0x20[23] = 0
0x20[19] = 0
0x20[3] = 0
0x05[7] = 1
0x05[2] = 1
0x25[23:8] = 0x0132
0x1A[7:0] = 0x95
0x20[7:4] = 0x7
0x21[8] = 0
0x20[25] = 1
AD for both SE Outputs
BD for Single BTL
Output
0x20[23] = 0
0x20[19] = 0
0x20[3] = 1
0x05[7] = 1
0x05[2] = 1
0x25[23:8] = 0x0132
0x1A[7:0] = 0x95
0x20[7:4] = 0x7
0x21[8] = 0
0x20[25] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com