Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 43Page - Texas Instruments TAS5721 Datasheet HTML 44Page - Texas Instruments TAS5721 Datasheet HTML 45Page - Texas Instruments TAS5721 Datasheet HTML 46Page - Texas Instruments TAS5721 Datasheet HTML 47Page - Texas Instruments TAS5721 Datasheet HTML 48Page - Texas Instruments TAS5721 Datasheet HTML 49Page - Texas Instruments TAS5721 Datasheet HTML 50Page - Texas Instruments TAS5721 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
47
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Default values are in bold.
9.6.8 Volume Registers (0x07, 0x08, 0x09, 0x0A)
Step size is 0.5 dB
Master volume
– 0x07 (default is mute)
Channel-1 volume
– 0x08 (default is 0 dB)
Channel-2 volume
– 0x09 (default is 0 dB)
Channel-3 volume
– 0x0A (default is 0 dB)
Table 12. Volume Registers (0x07, 0x08, 0x09, 0x0A)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
24 dB
0
0
1
1
0
0
0
0
0 dB (default for individual channel volume) (1)
1
1
1
1
1
1
1
0
–103 dB
1
1
1
1
1
1
1
1
Soft mute (default for the master volume) (1)
(1)
Default values are in bold.
(2)
Bits 6:5 can be changed only when volume is in MUTE [master volume = MUTE (register 0x07 = 0xFF)].
9.6.9 Volume Configuration Register (0x0E)
Bits
D2–D0:
Volume slew rate (Used to control volume change and MUTE ramp rates). These bits control the
number of steps in a volume ramp. Volume steps occur at a rate that depends on the sample rate of
the I2S data as follows:
Sample Rate (KHz)
Approximate Ramp Rate
8/16/32
125 us/step
11.025/22.05/44.1
90.7 us/step
12/24/48
83.3 us/step
Table 13. Volume Control Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
1
0
–
–
–
Reserved (1)
–
0
–
–
–
–
–
–
Subchannel (ch4) volume = ch1 volume(2)(1)
–
1
–
–
–
–
–
–
Subchannel volume = register 0x0A(2)
–
–
0
–
–
–
–
–
Ch3 volume = ch2 volume(1)
–
–
1
–
–
–
–
–
Ch3 volume = register 0x0A
–
–
–
–
–
0
0
0
Volume slew 512 steps (43-ms volume ramp time at 48 kHz)
–
–
–
–
–
0
0
1
Volume slew 1024 steps (85-ms volume ramp time at 48 kHz) (1)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (171- ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
1
Volume slew 256 steps (21-ms volume ramp time at 48 kHz)
–
–
–
–
–
1
X
X
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com