Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 23Page - Texas Instruments TAS5721 Datasheet HTML 24Page - Texas Instruments TAS5721 Datasheet HTML 25Page - Texas Instruments TAS5721 Datasheet HTML 26Page - Texas Instruments TAS5721 Datasheet HTML 27Page - Texas Instruments TAS5721 Datasheet HTML 28Page - Texas Instruments TAS5721 Datasheet HTML 29Page - Texas Instruments TAS5721 Datasheet HTML 30Page - Texas Instruments TAS5721 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
Input Level (dB)
T
O
K
M0091-02
1:1 TransferFunction
Implemented TransferFunction
A6
A0
ACK
Acknowledge
I CDevice Addressand
Read/WriteBit
2
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I CDevice Addressand
Read/WriteBit
2
Subaddress
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0036-04
27
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 53. Multiple Byte Read Transfer
9.3.10 Dynamic Range Control (DRC)
The DRC scheme has a single threshold, offset, and slope (all programmable). There is one ganged DRC for the
left/right channels and one DRC for the subchannel.
The DRC input/output diagram is shown in Figure 54.
Refer to GDE software tool for more description on T, K, and O parameters.
Professional-quality dynamic range compression automatically adjusts volume to flatten volume level.
• Each DRC has adjustable threshold, offset, and compression levels.
• Programmable energy, attack, and decay time constants
• Transparent compression: compressors can attack fast enough to avoid apparent clipping before engaging,
and decay times can be set slow enough to avoid pumping.
Figure 54. Dynamic Range Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com