Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 37Page - Texas Instruments TAS5721 Datasheet HTML 38Page - Texas Instruments TAS5721 Datasheet HTML 39Page - Texas Instruments TAS5721 Datasheet HTML 40Page - Texas Instruments TAS5721 Datasheet HTML 41Page - Texas Instruments TAS5721 Datasheet HTML 42Page - Texas Instruments TAS5721 Datasheet HTML 43Page - Texas Instruments TAS5721 Datasheet HTML 44Page - Texas Instruments TAS5721 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
41
TAS5721
www.ti.com
SLOS739A – JULY 2012 – REVISED MARCH 2016
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Register Maps (continued)
Table 4. Serial Control Interface Register Summary (continued)
SUBADDRESS
REGISTER NAME
NO. OF
BYTES
CONTENTS
DEFAULT
VALUE
(2)
ae stands for
∝ of energy filter, aa stands for ∝ of attack filter and ad stands for ∝ of decay filter and 1- ∝ = ω.
0x36
ch2_bq[6]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x37–0x39
4
Reserved(1)
0x3A
DRC1 ae(2)
8
u[31:26], ae[25:0]
0x0080 0000
DRC1 (1 – ae)
u[31:26], (1 – ae)[25:0]
0x0000 0000
0x3B
DRC1 aa
8
u[31:26], aa[25:0]
0x0080 0000
DRC1 (1 – aa)
u[31:26], (1 – aa)[25:0]
0x0000 0000
0x3C
DRC1 ad
8
u[31:26], ad[25:0]
0x0080 0000
DRC1 (1 – ad)
u[31:26], (1 – ad)[25:0]
0x0000 0000
0x3D
DRC2 ae
8
u[31:26], ae[25:0]
0x0080 0000
DRC 2 (1 – ae)
u[31:26], (1 – ae)[25:0]
0x0000 0000
0x3E
DRC2 aa
8
u[31:26], aa[25:0]
0x0080 0000
DRC2 (1 – aa)
u[31:26], (1 – aa)[25:0]
0x0000 0000
0x3F
DRC2 ad
8
u[31:26], ad[25:0]
0x0080 0000
DRC2 (1 – ad)
u[31:26], (1 – ad)[25:0]
0x0000 0000
0x40
DRC1-T
4
T1[31:0] (9.23 format)
0xFDA2 1490
0x41
DRC1-K
4
u[31:26], K1[25:0]
0x0384 2109
0x42
DRC1-O
4
u[31:26], O1[25:0]
0x0008 4210
0x43
DRC2-T
4
T2[31:0] (9.23 format)
0xFDA2 1490
0x44
DRC2-K
4
u[31:26], K2[25:0]
0x0384 2109
0x45
DRC2-O
4
u[31:26], O2[25:0]
0x0008 4210
0x46
DRC control
4
Description shown in subsequent section
0x0000 0000
0x47–0x4F
4
Reserved(1)
0x50
Bank switch control
4
Description shown in subsequent section
0x0F70 8000
0x51
Ch 1 output mixer
12
Ch 1 output mix1[2]
0x0080 0000
Ch 1 output mix1[1]
0x0000 0000
Ch 1 output mix1[0]
0x0000 0000
0x52
Ch 2 output mixer
12
Ch 2 output mix2[2]
0x0080 0000
Ch 2 output mix2[1]
0x0000 0000
Ch 2 output mix2[0]
0x0000 0000
0x53
Ch 1 input mixer
16
Ch 1 input mixer[3]
0x0080 0000
Ch 1 input mixer[2]
0x0000 0000
Ch 1 input mixer[1]
0x0000 0000
Ch 1 input mixer[0]
0x0080 0000
0x54
Ch 2 input mixer
16
Ch 2 input mixer[3]
0x0080 0000
Ch 2 input mixer[2]
0x0000 0000
Ch 2 input mixer[1]
0x0000 0000
Ch 2 input mixer[0]
0x0080 0000
0x55
Channel 3 input mixer
12
Channel 3 input mixer [2]
0x0080 0000
Channel 3 input mixer [1]
0x0000 0000
Channel 3 input mixer [0]
0x0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com