Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 103 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 103 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 99Page - Cirrus Logic WM8918 Datasheet HTML 100Page - Cirrus Logic WM8918 Datasheet HTML 101Page - Cirrus Logic WM8918 Datasheet HTML 102Page - Cirrus Logic WM8918 Datasheet HTML 103Page - Cirrus Logic WM8918 Datasheet HTML 104Page - Cirrus Logic WM8918 Datasheet HTML 105Page - Cirrus Logic WM8918 Datasheet HTML 106Page - Cirrus Logic WM8918 Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
103
FREE-RUNNING FLL CLOCK
The FLL can generate a clock signal even when no external reference is available. However, it should
be noted that the accuracy of this clock is reduced, and a reference source should always be used
where possible. Note that, in free-running mode, the FLL is not sufficiently accurate for hi-fi DAC
applications. However, the free-running mode is suitable for clocking most other functions, including
the Write Sequencer, Charge Pump, DC Servo and Class W output driver.
If an accurate reference clock is available at FLL start-up, then the FLL should be configured as
described above. The FLL will continue to generate a stable output clock after the reference input is
stopped or disconnected.
If no reference clock is available at the time of starting up the FLL, then an internal clock frequency of
approximately 12MHz can be generated by enabling the FLL Analogue Oscillator using the
FLL_OSC_ENA register bit, and setting FOUT clock divider to divide by 8 (FLL_OUTDIV = 07h), as
defined in Table 66. Under recommended operating conditions, the FLL output may be forced to
approximately 12MHz by then enabling the FLL_FRC_NCO bit and setting FLL_FRC_NCO_VAL to
19h (see Table 67). The resultant SYSCLK delivers the required clock frequencies for the Class W
output driver, DC Servo, Charge Pump and other functions. Note that the value of
FLL_FRC_NCO_VAL may be adjusted to control FOUT, but care should be taken to maintain the
correct relationship between SYSCLK and the aforementioned functional blocks.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R248 (F8h)
FLL NCO Test 1
5:0
FLL_FRC_NCO_
VAL [5:0]
01_1001
FLL Forced oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for
free-running FLL modes only)
R247 (F7h)
FLL NCO Test 0
0
FLL_FRC_NCO
0
FLL Forced control select
0 = Normal
1 = FLL oscillator controlled by
FLL_FRC_NCO_VAL
(Note that this field is required for
free-running FLL modes only)
Table 67 FLL Free-Running Mode
In both cases described above, the FLL must be selected as the SYSCLK source by setting
SYSCLK_SRC (see Table 57). Note that, in the absence of any reference clock, the FLL output is
subject to a very wide tolerance. See “Electrical Characteristics” for details of the FLL accuracy.
GPIO OUTPUTS FROM FLL
The WM8918 has an internal signal which indicates whether the FLL Lock has been achieved. The
FLL Lock status is an input to the Interrupt control circuit and can be used to trigger an Interrupt event
- see “Interrupts”.
The FLL Lock signal can be output directly on a GPIO pin as an external indication of FLL Lock. See
“General Purpose Input/Output (GPIO)” for details of how to configure a GPIO pin to output the FLL
Lock signal.
The FLL Clock can be output directly on a GPIO pin as a clock signal for other circuits. Note that the
FLL Clock may be output even if the FLL is not selected as the WM8918 SYSCLK source. The
clocking configuration is illustrated in Figure 59. See “General Purpose Input/Output (GPIO)” for
details of how to configure a GPIO pin to output the FLL Clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com