Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 107 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 107 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 103Page - Cirrus Logic WM8918 Datasheet HTML 104Page - Cirrus Logic WM8918 Datasheet HTML 105Page - Cirrus Logic WM8918 Datasheet HTML 106Page - Cirrus Logic WM8918 Datasheet HTML 107Page - Cirrus Logic WM8918 Datasheet HTML 108Page - Cirrus Logic WM8918 Datasheet HTML 109Page - Cirrus Logic WM8918 Datasheet HTML 110Page - Cirrus Logic WM8918 Datasheet HTML 111Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
107
BCLK/GPIO4
The BCLK/GPIO4 pin is configured using the register bits described in Table 71. By default, this pin
provides the BCLK function associated with the Digital Audio Interface. The BCLK function can
operate in slave mode (BCLK input) or in master mode (BCLK output), depending on the BCLK_DIR
register bit as described in the “Digital Audio Interface” section.
It is possible to configure the BCLK/GPIO4 pin to provide various GPIO functions; in this case, the
BCLK function is provided using the MCLK pin. Note that the BCLK function is always in slave mode
(BCLK input) in this mode.
To select the GPIO4 functions, it is required to set BCLK_DIR = 0 (see Table 52) and to set
GPIO_BCLK_MODE_ENA = 1 (see Table 71 below). In this configuration, the MCLK input is used as
the bit-clock (BCLK) for the Digital Audio Interface.
When the BCLK/GPIO4 pin is configured as GPIO4, then the pin function is determined by the
GPIO_BCLK_SEL register field.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R124 (7Ch)
GPIO
Control 4
7
GPIO_BCLK_MODE_
ENA
0
Selects BCLK/GPIO4 pin function
0 = BCLK/GPIO4 is used as BCLK
1 = BCLK/GPIO4 is used as GPIO.
MCLK provides the BCLK in the AIF
in this mode.
3:0
GPIO_BCLK_SEL
[3:0]
0000
GPIO_BCLK function select:
0000 = Input Pin (default)
0001 = Clock output
(f=SYSCLK/OPCLKDIV)
0010 = Logic '0'
0011 = Logic '1'
0100 = IRQ
0101 = FLL Lock
0110 = Mic Detect
0111 = Mic Short
1000 = DMIC clock out
1001 = FLL Clock Output
1010 to 1111 = Reserved
Table 71 BCLK/GPIO4 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com