Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 110 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 110 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 106Page - Cirrus Logic WM8918 Datasheet HTML 107Page - Cirrus Logic WM8918 Datasheet HTML 108Page - Cirrus Logic WM8918 Datasheet HTML 109Page - Cirrus Logic WM8918 Datasheet HTML 110Page - Cirrus Logic WM8918 Datasheet HTML 111Page - Cirrus Logic WM8918 Datasheet HTML 112Page - Cirrus Logic WM8918 Datasheet HTML 113Page - Cirrus Logic WM8918 Datasheet HTML 114Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
110
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
IM_GPI8_EINT
1
GPI8 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
3
IM_GPI7_EINT
1
GPI7 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
2
IM_FLL_LOCK_EINT
1
FLL Lock interrupt mask
0 = do not mask interrupt
1 = mask interrupt
1
IM_MIC_SHRT_EINT
1
MICBIAS short circuit interrupt
mask
0 = do not mask interrupt
1 = mask interrupt
0
IM_MIC_DET_EINT
1
MICBIAS current detect
interrupt mask
0 = do not mask interrupt
1 = mask interrupt
Table 73 Interrupt Mask Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R129 (81h)
Interrupt
Polarity
9
GPIO_BCLK_EINT_POL
0
GPIO4 interrupt polarity
0 = active high
1 = active low
8
WSEQ_EINT_POL
0
Write Sequencer interrupt
polarity
0 = active high (interrupt is
triggered when WSEQ is
busy)
1 = active low (interrupt is
triggered when WSEQ is idle)
5
GPIO1_EINT_POL
0
GPIO1 interrupt polarity
0 = active high
1 = active low
4
GPI8_EINT_POL
0
GPI8 interrupt polarity
0 = active high
1 = active low
3
GPI7_EINT_POL
0
GPI7 interrupt polarity
0 = active high
1 = active low
2
FLL_LOCK_EINT_POL
0
FLL Lock interrupt polarity
0 = active high (interrupt is
triggered when FLL Lock is
reached)
1 = active low (interrupt is
triggered when FLL is not
locked)
1
MIC_SHRT_EINT_POL
0
MICBIAS short circuit interrupt
polarity
0 = active high
1 = active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com