Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 145 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 145 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 141Page - Cirrus Logic WM8918 Datasheet HTML 142Page - Cirrus Logic WM8918 Datasheet HTML 143Page - Cirrus Logic WM8918 Datasheet HTML 144Page - Cirrus Logic WM8918 Datasheet HTML 145Page - Cirrus Logic WM8918 Datasheet HTML 146Page - Cirrus Logic WM8918 Datasheet HTML 147Page - Cirrus Logic WM8918 Datasheet HTML 148Page - Cirrus Logic WM8918 Datasheet HTML 149Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
145
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R44 (2Ch)
Analogue
Left Input 0
7
LINMUTE
1
Left Input PGA Mute
0 = not muted
1 = muted
4:0
LIN_VOL[4:0]
0_0101
Left Input PGA Volume
If L_MODE = 00 (Single ended)
OR L_MODE = 01 (Differential Line)
00000 = -1.5 dB
00001 = -1.3 dB
00010 = -1.0 dB
00011 = -0.7 dB
00100 = -0.3 dB
00101 = +0.0 dB (default)
00110 = +0.3 dB
00111 = +0.7 dB
01000 = +1.0 dB
01001 = +1.4 dB
01010 = +1.8 dB
01011 = +2.3 dB
01100 = +2.7 dB
01101 = +3.2 dB
01110 = +3.7 dB
01111 = +4.2 dB
10000 = +4.8 dB
10001 = +5.4 dB
10010 = +6.0 dB
10011 = +6.7 dB
10100 = +7.5 dB
10101 = +8.3 dB
10110 = +9.2 dB
10111 = +10.2 dB
11000 = +11.4 dB
11001 = +12.7 dB
11010 = +14.3 dB
11011 = +16.2 dB
11100 = +19.2 dB
11101 = +22.3 dB
11110 = +25.2 dB
11111 = +28.3 dB
If L_MODE = 10 (Differential MIC)
00000 = Reserved
00001 = +12 dB
00010 = +15 dB
00011 = +18 dB
00100 = +21 dB
00101 = +24 dB (default)
00110 = +27 dB
00111 to 11111 = +30 dB
Register 2Ch
Analogue Left Input 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com