Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 148 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 148 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 144Page - Cirrus Logic WM8918 Datasheet HTML 145Page - Cirrus Logic WM8918 Datasheet HTML 146Page - Cirrus Logic WM8918 Datasheet HTML 147Page - Cirrus Logic WM8918 Datasheet HTML 148Page - Cirrus Logic WM8918 Datasheet HTML 149Page - Cirrus Logic WM8918 Datasheet HTML 150Page - Cirrus Logic WM8918 Datasheet HTML 151Page - Cirrus Logic WM8918 Datasheet HTML 152Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
148
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R47 (2Fh)
Analogue
Right Input 1
6
INR_CM_ENA
1
Right Input PGA Common Mode Rejection enable
0 = Disabled
1 = Enabled
(only available for R_MODE=01 – Differential Line)
5:4
R_IP_SEL_N[1
:0]
00
In Single-Ended or Differential Line Modes, this field
selects the input pin for the inverting side of the right
input path.
In Differential Mic Mode, this field selects the input pin
for the non-inverting side of the right input path.
00 = IN1R
01 = IN2R
1X = Reserved
3:2
R_IP_SEL_P[1:
0]
01
In Single-Ended or Differential Line Modes, this field
selects the input pin for the non-inverting side of the
right input path.
In Differential Mic Mode, this field selects the input pin
for the inverting side of the right input path.
00 = IN1R
01 = IN2R
1X = Reserved
1:0
R_MODE[1:0]
00
Sets the mode for the right analogue input:
00 = Single-Ended
01 = Differential Line
10 = Differential MIC
11 = Reserved
Register 2Fh
Analogue Right Input 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R57 (39h)
Analogue
OUT1 Left
8
HPOUTL_MUT
E
0
Left Headphone Output Mute
0 = Un-mute
1 = Mute
7
HPOUT_VU
0
Headphone Output Volume Update
Writing a 1 to this bit will update HPOUTL and
HPOUTR volumes simultaneously.
6
HPOUTLZC
0
Left Headphone Output Zero Cross Enable
0 = disabled
1 = enabled
5:0
HPOUTL_VOL[
5:0]
10_1101
Left Headphone Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Register 39h
Analogue OUT1 Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com