Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 150 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 150 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 146Page - Cirrus Logic WM8918 Datasheet HTML 147Page - Cirrus Logic WM8918 Datasheet HTML 148Page - Cirrus Logic WM8918 Datasheet HTML 149Page - Cirrus Logic WM8918 Datasheet HTML 150Page - Cirrus Logic WM8918 Datasheet HTML 151Page - Cirrus Logic WM8918 Datasheet HTML 152Page - Cirrus Logic WM8918 Datasheet HTML 153Page - Cirrus Logic WM8918 Datasheet HTML 154Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
150
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R60 (3Ch)
Analogue
OUT2 Right
8
LINEOUTR_M
UTE
0
Right Line Output Mute
0 = Un-mute
1 = Mute
7
LINEOUT_VU
0
Line Output Volume Update
Writing a 1 to this bit will update LINEOUTL and
LINEOUTR volumes simultaneously.
6
LINEOUTRZC
0
Right Line Output Zero Cross Enable
0 = disabled
1 = enabled
5:0
LINEOUTR_VO
L[5:0]
11_1001
Right Line Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Register 3Ch
Analogue OUT2 Right
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R61 (3Dh)
Analogue
OUT12 ZC
3
HPL_BYP_EN
A
0
Selects input for left headphone output MUX
0 = Left DAC
1 = Left input PGA (Analogue bypass)
2
HPR_BYP_EN
A
0
Selects input for right headphone output MUX
0 = Right DAC
1 = Right input PGA (Analogue bypass)
1
LINEOUTL_BY
P_ENA
0
Selects input for left line output MUX
0 = Left DAC
1 = Left input PGA (Analogue bypass)
0
LINEOUTR_BY
P_ENA
0
Selects input for right line output MUX
0 = Right DAC
1 = Right input PGA (Analogue bypass)
Register 3Dh
Analogue OUT12 ZC
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R67 (43h)
DC Servo 0
3
DCS_ENA_CH
AN_3
0
DC Servo enable for LINEOUTR
0 = disabled
1 = enabled
2
DCS_ENA_CH
AN_2
0
DC Servo enable for LINEOUTL
0 = disabled
1 = enabled
1
DCS_ENA_CH
AN_1
0
DC Servo enable for HPOUTR
0 = disabled
1 = enabled
0
DCS_ENA_CH
AN_0
0
DC Servo enable for HPOUTL
0 = disabled
1 = enabled
Register 43h
DC Servo 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com