Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 152 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 152 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 148Page - Cirrus Logic WM8918 Datasheet HTML 149Page - Cirrus Logic WM8918 Datasheet HTML 150Page - Cirrus Logic WM8918 Datasheet HTML 151Page - Cirrus Logic WM8918 Datasheet HTML 152Page - Cirrus Logic WM8918 Datasheet HTML 153Page - Cirrus Logic WM8918 Datasheet HTML 154Page - Cirrus Logic WM8918 Datasheet HTML 155Page - Cirrus Logic WM8918 Datasheet HTML 156Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
152
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
DAC Write correction is in progress.
1
DCS_TRIG_DA
C_WR_1
0
Writing 1 to this bit selects DAC Write DC Servo mode
for HPOUTR.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
0
DCS_TRIG_DA
C_WR_0
0
Writing 1 to this bit selects DAC Write DC Servo mode
for HPOUTL.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
Register 44h
DC Servo 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R69 (45h)
DC Servo 2
11:8
DCS_TIMER_P
ERIOD_23[3:0]
1010
Time between periodic updates for
LINEOUTL/LINEOUTR. Time is calculated as 0.256s x
(2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
7
1
1
[No description available]
5
1
1
[No description available]
3:0
DCS_TIMER_P
ERIOD_01[3:0]
1010
Time between periodic updates for HPOUTL/HPOUTR.
Time is calculated as 0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
Register 45h
DC Servo 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R71 (47h)
DC Servo 4
6:0
DCS_SERIES_
NO_23[6:0]
010_1010 Number of DC Servo updates to perform in a series
event for LINEOUTL/LINEOUTR.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
Register 47h
DC Servo 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R72 (48h)
DC Servo 5
6:0
DCS_SERIES_
NO_01[6:0]
010_1010 Number of DC Servo updates to perform in a series
event for HPOUTL/HPOUTR.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
Register 48h
DC Servo 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com