| Electronic Components Datasheet Search |
|
EM6517 Datasheet(PDF) 41 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6517 Datasheet(HTML) 41 Page - EM Microelectronic - MARIN SA |
|
41 / 64 page ![]() EM6517 03/02 REV. C/448 Copyright 2002, EM Microelectronic-Marin SA 41 www.emmicroelectronic.com The main RAM (RAM1) is direct addressable on addresses decimal(0 to 63). A second RAM (RAM2) is indirect addressable on addresses 64,65, 66 and 67 together with the index from RegIndexAdr. The RAM2 addressing is indirect using the RegIndexAdr value as an offset to the directly addressed base RAM2_0 , RAM2_1 , RAM2_2 or RAM2_3 registers. To write or read the RAM2 the user has first to set the offset value in the RegIndexAdr register. The actual access then is made on the RAM2 base addresses RAM2_0 , RAM2_1, RAM2_2 or RAM2_3. Refer to Figure 30. Ram Architecture, for the address mapping. i.e. Writing hex(5) to Ram2 add location 30: First write hex(E) to RegIndexAdr, then write hex(5) to RAM2_1 RAM Extension : Unused R/W Registers can often be used as possible RAM extension. Be careful not to use register which start, stop, or reset some functions. Figure 30. Ram Architecture RAM1_63 RAM1_62 RAM1_61 RAM1_60 4 bit R/W RegIndexAdr[F] RegIndexAdr[E] 4 bit R/W ... ... RegIndexAdr[1] 4 bit R/W 4 bit R/W RegIndexAdr[0] RAM1_0 4 bit R/W 4 bit R/W 4 bit R/W 4 bit R/W 4 bit R/W . . . . . . RAM1_3 RAM1_2 RAM1_1 RAM2_3 RAM2_2 RAM2_1 4 bit R/W RAM2_0 4 bit R/W 4 bit R/W 4 bit R/W RegIndexAdr[F] RegIndexAdr[E] 4 bit R/W ... ... RegIndexAdr[1] 4 bit R/W 4 bit R/W RegIndexAdr[0] 4 bit R/W RegIndexAdr[F] RegIndexAdr[E] 4 bit R/W ... ... RegIndexAdr[1] 4 bit R/W 4 bit R/W RegIndexAdr[0] 4 bit R/W RegIndexAdr[F] RegIndexAdr[E] 4 bit R/W ... ... RegIndexAdr[1] 4 bit R/W 4 bit R/W RegIndexAdr[0] 64 x 4 indexed addressable RAM2 64 x 4 direct addressable RAM1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |