Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 24 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 24 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 28Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
24
www.emmicroelectronic.com
8.2 Frequency Select and Up/Down Counting
8 different input clocks can be selected to drive the Counter. The selection is done with bits CountFSel2…0 in
register RegCCntl1. 6 of this input clocks are coming from the prescaler. The maximum prescaler clock
frequency for the counter is half the system clock and the lowest is 1Hz. Therefore a complete counter roll over
can take as much as 17.07 minutes (1Hz clock, 10 bit length) or as little as 977
µs (Ck[15], 4 bit length). The
IRQCount0
, generated at each roll over, can be used for time bases, measurements length definitions, input
polling, wake up from Halt mode, etc. The IRQCount0 and IRQComp are generated with the system clock
Ck[16] rising edge. IRQCount0 condition in up count mode is : reaching 3FF if 10-bit counter length (or FF, 3F,
F in 8, 6, 4-bit counter length). In down count mode the condition is reaching ‘0’. The non-selected bits are ‘don’t
care’. For IRQComp refer to section 8.4.
Note: The Prescaler and the Microprocessor clock’s are usually non-synchronous, therefore time bases
generated are max. n, min. n-1 clock cycles long (n being the selected counter start value in count down mode).
However the prescaler clock can be synchronized with µP commands using for instance the prescaler reset
function.
The two remaining clock sources are coming from the PA[0] or PA[3] terminals. Refer to the Figure 12 on page
14 for details. Both sources can be either debounced (Ck[11] or Ck[8]) or direct inputs, the input polarity can
also be chosen. The output after the debouncer polarity selector is named PA3 , PA0 respectively.
For the
debouncer and input polarity selection refer to chapter 7.2.4.
In the case of port A input clock without debouncer, the counting clock frequency will be half the input clock on
port A. The counter advances on every odd numbered port A negative edge ( divided clock is high level ).
IRQCount0 and IRQComp will be generated on the rising PA3 or PA0 input clock edge. In this condition the
EM6517 is able to count with a higher clock rate as the internal system clock (Hi-Frequency Input). Maximum
port A input frequency is limited to 200kHz. If higher frequencies are needed, please contact EM-Marin.
In both, up or down count (default) mode, the counter is cyclic. The counting direction is chosen in register
RegCCntl1
bit Up/Down (default ‘0’ is down count). The counter increases or decreases its value with each
positive clock edge of the selected input clock source. Start up synchronization is necessary because one can
not always know the clock status when enabling the counter. With EvCount=0, the counter will only start on the
next positive clock edge after a previously latched negative edge, while the Start bit was already set to ‘1’. This
synchronization is done differently if event count mode (bit EvCount) is chosen. Refer also to Figure 19.
Internal Clock Synchronization.
Figure 18. Counter Clock Timing
P res c a le r F re quen c ies or D e b ounc ed P o rt A C loc k s
N o n-D ebou nc e d P o rt A C loc k s (S y s te m C loc k Indep ende nt)
S y s tem C loc k
P res c a le r C loc k
C o untin g
C o unter IR Q ’s
D iv ided C loc k
S y s tem C loc k
Po rt A C lo c k
C o untin g
C o u n te r IR Q ’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com