Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 29 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 29 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 33Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
29
www.emmicroelectronic.com
9
Serial (Output) Write Buffer - SWB
The EM6517 has simple Serial Write Buffer which outputs serial data and serial clock.
Serial Write Buffer clock frequency is selected by bits SWBFSel0 and SWBFSel1 in RegSWBCntl register. The
possible values are 1kHz (default), 2kHz, 8kHz or 16kHz.
The signal TestVar[3], which is used by the processor to make conditional jumps, indicates "Transmission
finished" in automatic send mode or "SWBbuffer empty" in interactive send mode. In interactive mode,
TestVar[3] is equivalent to the interrupt request flags stored in RegIRQ[i] registers : it permits to recognize the
interrupt source. (See also the interrupt handling section 13 for further information). To serve the "SWBbuffer
empty " interrupt request, one only has to make a conditional jump on TestVar[3].
The SWB data is output on the rising edge of the clock. Consequently, on the receiver side the serial data can
be evaluated on falling edge of the serial clock edge.
Normally the Clock and the Data output terminals are always driven to ‘0’ outside a SWB data transfer. With a
metal option one can put the Data output, the Clock output or both into a high impedance state outside of a SWB
transfer. Refer to 19.1.4 for the mask settings. The timing going into high impedance state into SWB transfer
and back into high impedance is depending on the selected mode, interactive or automatic.
Figure 22. Serial Write Buffer Architecture
Size[5:0]
Addr. Counter
RAM
SW B buffer
SW Bauto
SW BStart
SW BFSel0,1
Control
Logic
Shift register
DB[3:0]
Clk
Mux
SW B clock
SW B data
TestVar3
SW B buffer
register
IRQ (only in
interactive
SWB has two operational modes, automatic mode and interactive mode.
9.1 SWB Automatic send mode
Automatic mode enables a buffer on a predefined length to be sent at high transmission speeds up to ck[15]
(16kHz). In this mode user prepares all the data to be sent (minimum 8 bits, maximum 256 bits) in the RAM.
The user then selects the clock speed, sets the number of data nibbles to be sent, selects automatic
transmission mode (SWBAuto bit set to 1) and enters STANDBY mode by executing a HALT instruction. Once
the HALT instruction is activated the SWB peripheral module sends the data in register RegSWBuff followed by
the data in the RAM starting at address 00 up to the address specified by the bits size[5:0] located in the
RegSWBSizeL, RegSWBSizeH
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com