Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 56 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 56 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 60Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
56
www.emmicroelectronic.com
DNL voltage dependency @ 25°C
0.0
0.1
0.2
0.3
0.4
0.5
2.5
3
3.5
4
4.5
5
5.5
6
[v]
INL voltage dependency @ 25°C
0.0
0.1
0.2
0.3
0.4
0.5
2.53
3.54
4.55
5.5
6
[v]
Gain error voltage dependency @ 25°C
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
2.5
3
3.5
4
4.5
5
5.5
6
[v]
Offset error voltage dependency @ 25°C
0.0
0.2
0.4
0.6
0.8
1.0
2.53
3.54
4.55
5.5
6
[v]
Total unadjusted error dependency @ 25°C
0.0
0.2
0.4
0.6
0.8
1.0
2.5
3
3.5
4
4.5
5
5.5
6
[v]
Differential Non-Linearity Perform ance
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Codes
s
Integral Non-Linearity Perform ance
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
32
64
96
128
160
192
224
256
Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com