Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 45 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 45 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 49Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
45
www.emmicroelectronic.com
Register
Name
Add
Hex
Add
Dec
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read/Write Bits
RegIRQMask1
65
101
0000
0: MaskIRQPA[0]
1: MaskIRQPA[1]
2: MaskIRQPA[2]
3: MaskIRQPA[3]
Port A interrupt mask
Masking active low
RegIRQMask2
66
102
0000
0: MaskIRQADC
1: MaskIRQEEP
2: MaskIRQHz32/8
3: MaskIRQHz1
Prescaler, EEPROM, ADC
interrupt mask
Masking active low
RegIRQMask3
67
103
0000
0: MaskIRQCntComp
1: MaskIRQCount0
2: MaskIRQVLD
3 : '0'
0: MaskIRQCntComp
1: MaskIRQCount0
2: MaskIRQVLD
3: --
10 bit counter, VLD
interrupt mask
Masking active low
RegIRQ1
68
104
0000
0: IRQPA[0]
1: IRQPA[1]
2: IRQPA[2]
3: IRQPA[3]
0: RIRQPA[0]
1: RIRQPA[1]
2: RIRQPA[2]
3: RIRQPA[3]
Read: Port A IRQ
Write: Reset IRQ if data bit = 1.
RegIRQ2
69
105
0000
0: IRQADC
1: IRQEEP
2: IRQHz32/8
3: IRQHz1
0: RIRQADC
1: RIRQEEP
2: RIRQHz32/8
3: RIRQHz1
Read: Prescaler, EEPROM,
ADC IRQ ;
Write: Reset IRQ if data bit = 1
RegIRQ3
6A
106
0000
0:IRQCntComp
1: IRQCount0
2: IRQVLD
3: '0'
0: RIRQCntComp
1: RIRQCount0
2: RIRQVLD
3: --
Read: 10 bit counter, VLD IRQ
Write: Reset IRQ if data bit =1.
RegSysCntl1
6B
107
00x0
0: ChTmDis
1: SelIntFull
2: '0'
3: IntEn
0: ChTmDis
1: SelIntFull
2: Sleep
3: IntEn
System control 1 :
ChTmDis only usable only for
EM test modes with Test=1
RegSysCntl2
6C
108
0000
0: WDVal0
1: WDVal1
2: SleepEn
3: '0'
0: --
1: --
2: SleepEn
3: WDReset
System control 2 :
Watchdog value and periodical
reset, Enable sleep mode
RegSysCntl3
6D
109
0000
0: NoLogicWD
1: NoOscWD
2: '0'
3: Vref1/2Sel
0: NoLogicWD
1: NoOscWD
2: --
3: Vref1/2Sel
System control 3 :
Watchdogs control,
Reference Voltage for ADC
IXLow
6E
110
xxxx
0: IXLow[0]
1: IXLow[1]
2: IXLow[2]
3: IXLow[3]
Internal µP index
Register low nibble
IXHigh
6F
111
xxxx
0: IXHigh[4]
1: IXHigh[5]
2: IXHigh[6]
3: '0'
0: IXHigh[4]
1: IXHigh[5]
2: IXHigh[6]
3: --
Internal µP index
Register high nibble
RegIndexAdr
70
112
0000
0: IndexAdr[0]
1: IndexAdr[1]
2: IndexAdr[2]
3: IndexAdr[3]
Index addressing register
for4x16 nibble of Ram2
RegPresc
71
113
0000
0: DebSel
1: PrIntSel
2: '0'
3: PWMOn
0: DebSel
1: PrIntSel
2: ResPresc
3: PWMOn
Prescaler control :
Debouncer and prescaler
interrupt selection
RegVldCntl
72
114
0000
0: VLDlevel0
1: VLDlevel1
2: VLDBusy
3: VLDResult
0: VLDlevel0
1: VLDlevel1
2: VLDStart
3: --
VLD control : Level detection
start (busy flag) and result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com