Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
5.3.2 OR -Type Reset function
If wanted, needs to be chosen with the metal 1 option settings (MFP uses default NAND option). Any one of the
port A inputs can trigger a reset. Following formula is applicable :
InpResPA
= InpResPA[0] + InpResPA[1] + InpResPA[2] + InpResPA[3]
InpRes1PA[n] InpRes2PA[n] InpResPA[n]
00VSS
0
1
PA[n]
1
0
not PA[n]
11VDD
n = 0 to 3
i.e. ; - no reset if all InpResPA[n] = VSS.
- Don't care function on a single bit with
its InpResPA[n] = Vss.
- Always Reset if any InpResPA[3:0] = VDD
5.4 Digital Watchdog Timer Reset
The digital watchdog is a simple, non-programmable, 2-bit timer, that counts on each rising edge of Ck[1]. It will
generate a system reset if it is not periodically cleared. The watchdog timer function can be inhibited by
activating an inhibit digital watchdog bit (NoLogicWD) located in RegSysCntl3. At power up, and after any
system reset, the watchdog timer is activated.
If for any reason the CPU stops, then the watchdog timer can detect this situation and activate the system reset
signal. This function can be used to detect program overrun, endless loops, etc. For normal operation, the
watchdog timer must be reset periodically by software at least every 2.5 seconds (system clock = 32 KHz), or a
system reset signal is generated.
The watchdog timer is reset by writing a ‘1’ to the WDReset bit in the timer. This resets the timer to zero and
timer operation restarts immediately. When a ‘0’ is written to WDReset there is no effect. The watchdog timer
operates also in the standby mode and thus, to avoid a system reset, one should not remain in standby mode
for more than 2.5 seconds.
From a system reset state, the watchdog timer will become active after 3.5 seconds. However, if the watchdog
timer is influenced from other sources (i.e. prescaler reset), then it could become active after just 2.5 seconds. It
is therefore recommended to use the Prescaler IRQHz1 interrupt to periodically reset the watchdog every
second.
It is possible to read the current status of the watchdog timer in RegSysCntl2. After watchdog reset, the
counting sequence is (on each rising edge of CK[1]) : ‘00’, ‘01’, ‘10’, ‘11’ {WDVal1 WDVal0}. When going into
the ‘11’ state, the watchdog reset will be active within ½ second. The watchdog reset activates the system reset
which in turn resets the watchdog. If the watchdog is inhibited it’s timer is reset and therefore always reads ‘0’.
Figure 10. Input Port A Reset Structure
0
1 MUX
2
3 1 0
VSS
PA[3]
PA[3]
VDD
BIT
[0]
BIT
[1]
BIT
[2]
BIT
[3]
InpResPA
InpResPA[3]
InpRes2PA[3]
InpRes1PA[3]
Input Port A Reset
Bit[2] Selection
Input Port A Reset
Bit[1] Selection
Input Port A Reset
Bit[0] Selection
Input Port A Reset
Bit[3] Selection
Input
Reset
from
Port A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com