Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 63 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 63 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 64Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
63
www.emmicroelectronic.com
23 Package & Ordering information
The EM6517 is deliverable in the SO28 package or in DIE form
23.1 Ordering Information
Ordering Part Number
Part Number
Package/Die Form
Delivery Form/
Thickness
EM6517%%%SO28A
28 pin SOIC
Stick
EM6517%%%WP11
Die in waffle pack
11 mils
Please make sure to give the complete Part Number when ordering, including the 3-digit version. The version is made of 3
digits %%%: the first one is a letter and the last two are numbers, e.g. P04 , P07, P12, etc.
For other delivery forms, please contact EM Microelectronic-Marin S.A.
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than
circuitry entirely embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves
the right to change the circuitry and specifications without notice at any time. You are strongly urged to ensure
that the information given has not been superseded by a more up-to-date version.
Figure 36. SOP 28 Pin Package
(1.27mm pitch, 300mils body width)
SOP-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com