Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 52 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 52 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 56Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
52
www.emmicroelectronic.com
20 Temp. and Voltage Behavior
20.1 I(VDD) Current
I(VDD) current over temperature for run mode, halt mode, sleep mode, ADC and EEPROM running modes.
I(VDD) CPU in ACTIVE m ode, VDD=3.0V
8.5
9.0
9.5
10.0
-40
-20
0
20406080
[°C]
[uA ]
I(VDD) Sleep m ode, VDD = 3.0V
0
50
100
150
-40
-20
0
2040
6080
[°C]
[nA]
I(V DD) CPU in HALT m ode, VDD = 3.0V
1200
1300
1400
1500
1600
-40
-20
0
20406080
[°C]
[nA]
I(VDD) ADC on + I(VDD) run, VDD = 3.0V
0.0
10.0
20.0
30.0
40.0
-40
-20
0
20
406080
[°C]
[uA]
I(VDD) EEPROM Read + I(VDD) run, VDD = 3.0V
100
125
150
175
200
-40
-20
0
20406080
[°C]
[uA]
I(VDD) EEPROM write + I(VDD) run, VDD = 3.0V
0.0
20.0
40.0
60.0
80.0
-40
-20
0
2040
6080
[°C]
[uA]
I(VDD) CPU in ACTIVE m ode, VDD=5.0V
13.5
14.0
14.5
15.0
-40
-20
0
20406080
[°C]
[uA ]
I(V DD) S leep m ode, VDD = 5.0V
0
50
100
150
-40
-20
0
20406080
[°C]
[nA]
I(VDD) CP U in HALT m ode, VDD = 5.0V
1200
1300
1400
1500
1600
-40
-20
0
20406080
[°C]
[nA ]
I(VDD) ADC on + I(VDD) run, V DD =5.0V
0.0
10.0
20.0
30.0
40.0
-40
-20
0
20406080
[°C]
[uA]
I(VDD) EEPROM Read + I(VDD) run, VDD = 5.0V
100
125
150
175
200
-40
-20
0
2040
6080
[°C]
[uA]
I(V DD) E EPROM write + I(VDD) run, VDD = 5.0V
0.0
20.0
40.0
60.0
80.0
-40
-20
0
2040
6080
[°C]
[uA ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com