Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
5
Reset
Figure 8. illustrates the reset structure of the EM6517-1. There are six possible reset sources :
(1) Internal initial reset from the Power On Reset (POR) circuitry.
--> POR
(2) External reset from the Reset terminal.
--> System Reset, Reset CPU
(3) External reset by simultaneous high/low inputs to port A.
--> System Reset, Reset CPU
(Combinations are defined in the registers OptInpRSel1 and OptInpRSel2)
(4) Internal reset from the Digital Watchdog.
--> System Reset, Reset CPU
(5) Internal reset from the Oscillation Detection Circuit.
--> System Reset, Reset CPU
(6) Internal reset when sleep mode is activated.
--> System Reset, Reset CPU
All reset sources activate the System Reset and the Reset CPU. The ‘System Reset Delay’ ensures that the
system reset remains active long enough for all system functions to be reset (active for n system clock cycles).
The ‘CPU Reset Delay’ ensures that the reset CPU remains active until the oscillator is in stable oscillation.
As well as activating the system reset and the reset CPU, the POR also resets all option registers and the sleep
enable (SleepEn) latch. System reset and reset CPU do not reset the option registers nor the SleepEn latch.
Reset state can be shown on Strobe terminal by selecting StrobeOutSel1,0 = 0 in OPTCandStr register.
5.1 Oscillation Detection Circuit
At power on, the voltage regulator starts to follow the supply voltage and triggers the power on reset circuitry,
and thus the system reset. The CPU of the EM6517 remains in the reset state for the ‘CPU Reset Delay’, to
allow the oscillator to stabilize after power up.
Figure 8. Reset Structure
S y ste m R e se t
De la y
CP U Re s e t
De la y
E nab le
A c tiv a te
Dig ita l
W a tc hdog
O s c illa tio n
De te c tio n
R e s e t f ro m P o r t A
Input C o m b in a tio n
Re s e t P A D
S leep
O p tIn p R S leep
Re s e t
CPU
Inhibit
Os c illa tio n
De te c tio n
Inhibit
Dig ita l
W a tc hd og
PO R
P O R to O p tio n
R egis te r s & S leepE n
La tc h
DE B O UN CE
S leep
Latc h
Sle e p En
La tc h
PO R
In te r n a l D a ta B u s
Write R e s e t
R ead S tatus
Write A c tiv e
R ead S ta tus
Ck [1 0 ]
Ck [1 ]
Ck [8 ]
Ck [1 ]
C k [15]
PO R
A nalo gue
F ilte r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com