Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 37 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 37 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 41Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
37
www.emmicroelectronic.com
11.1 EEPROM registers
Table 11.1.1 EEPROM control register RegEEPCntl
Bit
Name
Reset
R/W
Description
3
EEPage
0
R/W
EEPROM page select
2
EEPBusy
0
R
EEPROM writing operation busy flag
1
EEPRdWr
0
R/W
EEPROM operation read=0 / write=1
0
EEPAdr[4]
0
R/W
EEPROM`address bit 4
Writing this register starts automatically EEPROM reading or writing operation
Table 11.1.2 EEPROM address register RegEEPAdr
Bit
Name
Reset
R/W
Description
3
EEPAdr[3]
0
R/W
EEPROM address bit 3
2
EEPAdr[2]
0
R/W
EEPROM address bit 2
1
EEPAdr[1]
0
R/W
EEPROM address bit 1
0
EEPAdr[0]
0
R/W
EEPROM address bit 0
Table 11.1.3 EEPROM data low register RegEEPDataL
Bit
Name
Reset
R/W
Description
3
EEPdata[3]
0
R/W
EEPROM data bit 3
2
EEPdata[2]
0
R/W
EEPROM data bit 2
1
EEPdata[1]
0
R/W
EEPROM data bit 1
0
EEPdata[0]
0
R/W
EEPROM data bit 0
Table 11.1.4 EEPROM data high register RegEEPDataH
Bit
Name
Reset
R/W
Description
3
EEPdata[7]
0
R/W
EEPROM data bit 7
2
EEPdata[6]
0
R/W
EEPROM data bit 6
1
EEPdata[5]
0
R/W
EEPROM data bit 5
0
EEPdata[4]
0
R/W
EEPROM data bit 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com