Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 59 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 59 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 63Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
59
www.emmicroelectronic.com
21.6 DC characteristics - I/O Pins
Conditions: T= 0 ... 60
°C (unless otherwise specified)
Parameter
Conditions
Symb. Min.
Typ.
Max.
Unit
Input Low voltage
(static)
Ports A,B,C Test
VDD = 3.0 V
VIL
Vss
0.3*VDD V
QIN with Regulator
VDD = 3.0 V
VIL
Vss
0.1*Vreg V
QOUT (note 7)
Input High voltage
(static)
Ports A,B,C Test
VIH
0.7*VDD
VDD
V
QIN with Regulator
VIH
0.9*Vreg
Vreg
V
QOUT (note 7)
Output Low Current
VDD=3.0V , VOL=0.15V
IOL
4.8
mA
PortB. PortC
VDD=3.0V , VOL=0.30V
IOL
9.5
mA
VDD=3.0V , VOL=0.50V
IOL
15.0
mA
VDD=3.0V , VOL=1.0V
IOL
16.0
29.0
mA
Output Low Current
VDD=3.0V , VOL=0.15V
IOL
1.8
mA
Data, Clock, Strobe
VDD=3.0V , VOL=0.30V
IOL
3.6
mA
VDD=3.0V , VOL=0.50V
IOL
5.8
mA
VDD=3.0V , VOL=1.0V
IOL
6.0
10.0
mA
Output High Current
VDD=3.0V, VOH= VDD-0.15V
IOH
-1.6
mA
PortB, PortC
VDD=3.0V, VOH= VDD-0.30V
IOH
-3.2
mA
VDD=3.0V, VOH= VDD-0.50V
IOH
-5.4
mA
VDD=3.0V, VOH= VDD-1.0 V
IOH
-10
-6.0
mA
Output High Current
VDD=3.0V, VOH= VDD-0.15V
IOH
-1.3
mA
Data, Clock, Strobe
VDD=3.0V, VOH= VDD-0.30V
IOH
-2.5
mA
VDD=3.0V, VOH= VDD-0.50V
IOH
-4.1
mA
VDD=3.0V, VOH= VDD-1.0 V
IOH
-7.5
-4
mA
Input Pull-down
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
12k
Ohm
Test, Reset
Input Pull-down
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
150k
Ohm
Port A,B,C (note 8) weak
Input Pull-up
VDD=3.0V, Pin at 0.0V, 25
°C
RPU
400k
Ohm
Port A,B,C (note 8) weak
Input Pull-down
VDD=3.0V, Pin at 3.0V, 25
°C
RPD
63k
94k
142k
Ohm
Port A,B,C (note 8) strong
Input Pull-up
VDD=3.0V, Pin at 0.0V, 25
°C
RPU
62k
98k
146k
Ohm
Port A,B,C (note 8) strong
Note 7
; QOUT (OSC2) is used only with Quartz.
Note 8
: Weak or strong are standing for weak pull or strong pull transistor. Values are for R1=100kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com