Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 35 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 35 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 39Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
35
www.emmicroelectronic.com
10.3 2-Channel ADC registers
Table 10.3.1 ADC control register RegADCCntl
Bit
Name
Reset
R/W
Description
3
StartConvert
0
W
Start conversion
3
ADCBusy
R
ADC busy flag
2
Single
0
R/W
Single mode
1
ChannelSelB
0
R/W
Input channel selection
0
ChannelSelA
0
R/W
Input channel selection
Default : continuous mode, Vref pad as input channel
Table 10.3.2 Input channel selection
ChannelSelA
ChannelSelB
Input channel
0
0
Vref pad
01
Bin
10
Ain
1
1
Vgnd
Table 10.3.3 ADC data low register RegADCDataL
Bit
Name
Reset
R/W
Description
3
ADCdata[3]
0
R/W
ADC data bit 3
2
ADCdata[2]
0
R/W
ADC data bit 2
1
ADCdata[1]
0
R/W
ADC data bit 1
0
ADCdata[0]
0
R/W
ADC data bit 0
Table 10.3.4 ADC data high register RegADCDataH
Bit
Name
Reset
R/W
Description
3
ADCdata[7]
0
R/W
ADC data bit 7
2
ADCdata[6]
0
R/W
ADC data bit 6
1
ADCdata[5]
0
R/W
ADC data bit 5
0
ADCdata[4]
0
R/W
ADC data bit 4
Table 10.3.5 Control register RegSysCntl3
Bit
Name
Reset
R/W
Description
3
Vref1/2Sel
0
Reference voltage selection for ADC
2--
1
NoOscWD
0
R/W
No oscillator watchdog
0
NoLogicWD
0
R/W
No logic watchdog
Default : external Vref for the voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com