Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 55 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 55 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 59Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
55
www.emmicroelectronic.com
20.5 ADC8
Differential, integral non-linearity, gain, offset and total unadjusted errors
DNL @ 3.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
INL @ 3.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
Gain error @ 3.0V
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-40
-10
20
50
80
[°C]
Offset error @ 3.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]
DNL @ 5.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
INL @ 5.0V
0.0
0.1
0.2
0.3
0.4
0.5
-40
-10
20
50
80
[°C]
Gain error @ 5.0V
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-40
-10
20
50
80
[°C]
Offset error @ 5.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]
Total Unadjusted error @ 3.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]
Total unadjusted error @ 5.0V
0.0
0.2
0.4
0.6
0.8
1.0
-40
-10
20
50
80
[°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com