Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 28 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 28 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 32Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
28
www.emmicroelectronic.com
Table 8.7.3 Register RegCCntl2
Bit
Name
Reset
R/W
Description
3
Start
0
R/W
Start/Stop control
2
EvCount
0
R/W
Event counter enable
1
EnComp
0
R/W
Enable comparator
0
Load
0
R/W
Write: load counter register;
Read: always 0
Default : Stop, no event count, no comparator, no load
Table 8.7.4 Register RegSysCntl1
Bit
Name
Reset
R/W
Description
3
IntEn
0
R/W
General interrupt enable
2
SLEEP
0
R/W
Sleep mode
1
SelIntFull
0
R/W
Compare Interrupt select
0
ChTmDis
0
R/W
For EM test only
Default : Interrupt on limited bit compare
Table 8.7.5 Register RegCDataL, Counter/Compare Low Data Nibble
Bit
Name
Reset
R/W
Description
3
CReg[3]
0
W
Counter data bit 3
2
CReg[2]
0
W
Counter data bit 2
1
CReg[1]
0
W
Counter data bit 1
0
CReg[0]
0
W
Counter data bit 0
3
Count[3]
0
R
Data register bit 3
2
Count[2]
0
R
Data register bit 2
1
Count[1]
0
R
Data register bit 1
0
Count[0]
0
R
Data register bit 0
Table 8.7.6 Register RegCDataM, Counter/Compare Middle Data Nibble
Bit
Name
Reset
R/W
Description
3
CReg[7]
0
W
Counter data bit 7
2
CReg[6]
0
W
Counter data bit 6
1
CReg[5]
0
W
Counter data bit 5
0
CReg[4]
0
W
Counter data bit 4
3
ShCount[7]
0
R
Data register bit 7
2
ShCount[6]
0
R
Data register bit 6
1
ShCount[5]
0
R
Data register bit 5
0
ShCount[4]
0
R
Data register bit 4
Table 8.7.7 Register RegCDataH, Counter/Compare High Data Nibble
Bit
Name
Reset
R/W
Description
3
BitSel[1]
0
R/W
Bit select for limited bit count/compare
2
BitSel[0]
0
R/W
Bit select for limited bit count/compare
1
CReg[9]
0
W
Counter data bit 9
0
CReg[8]
0
W
Counter data bit 8
1
ShCount[9]
0
R
Data register bit 9
0
ShCount[8]
0
R
Data register bit 8
Table 8.7.8 Counter Length Selection
BitSel[1]
BitSel[0 ]
counter length
0
0
10-Bit
01
8-Bit
10
6-Bit
11
4-Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com