Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 32 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 32 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 36Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
32
www.emmicroelectronic.com
9.3 SWB registers
Table 9.3.1 SWB clock selection register RegSWBCntl
Bit
Name
Reset
R/W
Description
3--
2--
1
SWBFSel1
0
R/W
SWB clock selection
0
SWBFSel0
0
R/W
SWB clock selection
Table 9.3.2 Serial Write Buffer clock selection
SWB clock output
SWBFSel1
SWBFSel0
1024 Hz
0
0
2048 Hz
0
1
8192 Hz
1
0
16384 Hz
1
1
Table 9.3.3 SWB buffer register RegSWBuff
Bit
Name
Reset
R/W
Description
3
Buff[3]
1
R/W
SWB buffer bit 3
2
Buff[2]
1
R/W
SWB buffer bit 2
1
Buff[1]
1
R/W
SWB buffer bit 1
0
Buff[0]
1
R/W
SWB buffer bit 0
Table 9.3.4 SWB Low size register RegSWBSizeL
Bit
Name
Reset
R/W
Description
3
Size[3]
0
R/W
Auto mode buffer size bit3
2
Size[2]
0
R/W
Auto mode buffer size bit2
1
Size[1]
0
R/W
Auto mode buffer size bit1
0
Size[0]
0
R/W
Auto mode buffer size bit0
Table 9.3.5 SWB High size register RegSWBSizeH
Bit
Name
Reset
R/W
Description
3
SWBAuto
0
R/W
SWB Automatic mode select
2
SWBStart
0
R/W
SWB Start interactive mode
1
Size[5]
0
R/W
Auto mode buffer size bit5
0
Size[4]
0
R/W
Auto mode buffer size bit4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com