Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 22 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 22 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 26Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
22
www.emmicroelectronic.com
7.7 Port C Registers
Table 7.7.1 Register RegPCData
Bit
Name
Reset
R/W
Description
3
PCData[3]
-
R/W*
PC[3] input and output
2
PCData[2]
-
R/W*
PC[2] input and output
1
PCData[1]
-
R/W*
PC[1] input and output
0
PCData[0]
-
R/W*
PC[0] input and output
R* : Direct read on port C terminal (not the internal register read).
Table 7.7.2 Register RegPCCntl
Bit
Name
Reset
R/W
Description
3
--
0
R
Always reads 0
2
--
0
R
Always reads 0
1
--
0
R
Always reads 0
0
PCIOCntl
0
R/W
I/O control for port C
Default "0" is : Port C in input mode
Table 7.7.3 Option Register OPTPCandStr
Bit
Name
Power on
value
R/W
Description
3
NoPdPC
0
R/W
No pull-down on port C
2
NchOpDPC
0
R/W
N-channel Open Drain port C
1
StrobeOutSel1
0
R/W
Strobe output selection
0
StrobeOutSel0
0
R/W
Strobe output selection
Default "0" is : Pull-down on, CMOS on PC[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com