Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 34 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 34 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 38Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
34
www.emmicroelectronic.com
The ADC is of bipolar type : Positive or negative input signal referred to the virtual ground point Vgnd are
converted. The virtual ground point Vgnd is ideally on (VSS + VBAT)/2 voltage level and must be supplied from
external circuitry.
The positive reference voltage VREF referred to the virtual ground point Vgnd defines the input voltage range
without overflow (full scale conversion : +/- Vref referred to Vgnd)
Data format is the following : MSB ADCData[7] is a sign bit indicating if input signal Vin is higher than virtual
ground (ADCData[7] = “1“) or lower (ADCData[7] = “0“).
For negative input signal the LSB’s are coded in 1’ complement.
For instance :
Vin = +VREF
->
ADCData[7:0] = “1 1111111“
+127
Vin = +VREF/ 2
->
ADCData[7:0] = “1 0111111“
+63
Vin = Vgnd
->
ADCData[7:0] = “1 0000000“
+0
Vin = -VREF/ 2
->
ADCData[7:0] = “0 1000000“
-63
Vin = -VREF
->
ADCData[7:0] = “0 0000000“
-127
The input channel to be converted is selected by ChannelSelA and ChannelSelB bits in RegADCCntl register.
The default channel selection is Vref as ADC input.
Setting to “1“ the Vref1/2Sel bit in RegSysCntl 3 selects the internal VDD (Vref2 input) as the reference voltage.
By default, VREF is defined by the external Vref pad (Vref1 input).
The ADC has two working modes (continuous or single mode) selected by the Single bit (Single = “0“ -->
continuous mode ; Single = “1“ --> single mode).
10.1 Continuous mode
The conversion process is activated by setting to “1“ the StartConvert bit. The selected channel is cyclically
(3.2kHz) converted and the result is stored in RegADCDataL and RegADCDataH registers. When
the
StartConvert
bit is set to “0“, the process runs until completion of the current 10 clock cycles and then stops.
After each completion, an interrupt request IRQADC is generated. This interrupt request can be masked
(default) (MaskIRQADC bit). See also the interrupt handling section 13 for further information. One always
needs to read RegADCDataH first , this read updates the RegADCDataL value (shadow register).
10.2 Single mode
Setting to “1“ the StartConvert bit activates 1 conversion of the selected channel. At the end of the conversion,
the StartConvert bit is automatically cleared and IRQADC is generated. Data are available in RegADCDataL
and RegADCDataH registers. One always needs to read RegADCDataH first , this read updates the
RegADCDataL
value (shadow register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com