Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 48 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 48 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 52Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
48
www.emmicroelectronic.com
19 Mask Options
Most options which in many µControllers are realized as metal mask options are directly user selectable with
the option registers, therefore allowing a maximum freedom of choice .
The following options can be selected at the time of programming the metal mask ROM.
19.1 Input / Output Ports
19.1.1 Port A Metal Options
Pull-up or no pull-up can be selected
for each port A input. A pull-up
selection is excluding a pull-down on
the same input.
Pull-down (default) or no pull-down
can be selected for each port A input.
A pull-down selection is excluding a
pull-up on the same input.
The total pull value (pull-up or pull-
down) is a series resistance out of
the resistance R1 and the switching
transistor. As a switching transistor
the user can choose between a high
impedance
(weak)
or
a
low
impedance (strong) switch. Weak,
strong or none must be chosen. The
default is strong. The default resistor
R1 value is 100 KOhm. The user
may choose a different value from
150 KOhm down to 0 Ohm. However
the value must first be checked and
agreed by EM Microelectronic Marin
SA.
To select an option put an X in
column 1,2 and 4 and reconfirm the
R1 value in column 3.
The default value is : Strong pull-
down with R1=100 KOhm
To select an option put an X in
column 1,2 and 4 and reconfirm the
R1 value in column 3.
The default value is : No pull-up
Figure 32. Port A Pull Options
Resistor R1
MPAPDweak[n]
Weak Pull-down
MPAPDstrong[n]
Strong Pull-down
MPAPUweak[n]
Weak Pull-up
MPAPUstrong[n]
Strong Pull-up
Pull-up Control
PA[n]
Terminal
100 KOhm
No Pull-up
No Pull-down
Pull-down Control
OR
Input Circuitry
Option
Name
Strong
Pull-
down
W
Pull-
down
R1
Value
Typ.100
k
No
Pull-
down
1
2
3
4
MPAPD[3]
PA3 input pull-down
X
100k
MPAPD[2]
PA2 input pull-down
X
100k
MPAPD[1]
PA1 input pull-down
X
100k
MPAPD[0]
PA0 input pull-down
X
100k
Option
Name
Strong
Pull-up
Weak
Pull-up
R1
Value
typ.100k
No
Pull-up
1
2
3
4
MPAPU[3]
PA3 input pull-up
X
MPAPU[2]
PA2 input pull-up
X
MPAPU[1]
PA1 input pull-up
X
MPAPU[0]
PA0 input pull-up
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com