Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 33 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 33 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 37Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
33
www.emmicroelectronic.com
10 2-Channel ADC (8-bit digital converter)
The EM6517 contains one 8-bit ADC with 2 independent input channels. In addition one can choose also Vref
and Vgnd as ADC input. The control logic uses an internal analogue multiplexor to select the channel to be
converted. When data conversion is complete, indicated by a DATA VALID signal, the control logic saves the
converted value in the RegADCDataH and the Shadow Low registers. RegADCDataL registers is updated
when reading the RegADCDataH register. At the end of conversion an interrupt IRQADC is sent to the
µP. The
architecture of the ADC is illustrated in Figure 25.
The ADC 8 bit contains
an inherent sample and
hold function : the input
voltage is sampled during
acquisition
phase
(2
clock cycles) and is held
until
the
end
of
conversion.
Total
conversion time is 10
clock cycles.
Figure 25. ADC 8 Bit Architecture
8-BIT CHARGE
REDISTRIBUTION
ADC CORE
4-Bit Internal Data Bus
RdHigh
IRQ
RdLow
RegADCDataL
RdLow
Shadow Low
RegADCDataH
RdHigh
4
SVref1/2Sel Start
Convert
Channel
select
Vgnd
VrefInt
Vref1
Vref2
Vref
Vin
Convert
Data[7 :1]
Data Valid
AIN
BIN
0
3
1
2
8
2
VDD
Vgnd
VDD
VSS
IRQADC
Ck[16]
Control
Logic
External
Figure 26. ADC 8 Bit Timing
Start Convert
ADC Clock
1
9
8
7
6
5
4
3
2
10
Data Valid
Re-sampling
8 clocks conversion
Sample&Hold
IRQADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com